Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3683 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3683
Description  ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3683 Datasheet(HTML) 36 Page - Texas Instruments

Back Button ADC3683 Datasheet HTML 32Page - Texas Instruments ADC3683 Datasheet HTML 33Page - Texas Instruments ADC3683 Datasheet HTML 34Page - Texas Instruments ADC3683 Datasheet HTML 35Page - Texas Instruments ADC3683 Datasheet HTML 36Page - Texas Instruments ADC3683 Datasheet HTML 37Page - Texas Instruments ADC3683 Datasheet HTML 38Page - Texas Instruments ADC3683 Datasheet HTML 39Page - Texas Instruments ADC3683 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
7.3.5.3.1 2-Wire Mode
In this mode, both the current and the previous sample have to be used in the address space as shown in Figure
7-40. The address order is different for 14/18-bit and 16/20-bit. Note: there are unused addresses between
samples for resolution less than 20-bit (gray back ground), which can be skipped if not used.
Previous Sample
DB1
DB0
Current Sample
DA1
DA0
0x5F
0x60
0x60
0x5F
0x5D
0x5E
0x5E
0x5D
0x5B
0x5C
0x5C
0x5B
0x59
0x5A
0x5A
0x59
0x57
0x58
0x58
0x57
0x55
0x56
0x56
0x55
0x53
0x54
0x54
0x53
0x51
0x52
0x52
0x51
0x4F
0x50
0x50
0x4F
0x4D
0x4E
0x4E
0x4D
20-bit
18-bit
16-bit
14-bit
20-bit
18-bit
16-bit
14-bit
0x4B
0x4C
0x4C
0x4B
0x49
0x4A
0x4A
0x49
0x47
0x48
0x48
0x47
0x45
0x46
0x46
0x45
0x43
0x44
0x44
0x43
0x41
0x42
0x42
0x41
0x3F
0x40
0x40
0x3F
0x3D
0x3E
0x3E
0x3D
0x3B
0x3C
0x3C
0x3B
0x39
0x3A
0x3A
0x39
0x87
0x88
0x88
0x87
0x85
0x86
0x85
0x86
0x83
0x84
0x83
0x84
0x81
0x82
0x81
0x82
0x7F
0x80
0x7F
0x80
0x7D
0x7E
0x7E
0x7D
0x7B
0x7C
0x7C
0x7B
0x79
0x7A
0x7A
0x79
0x77
0x78
0x78
0x77
0x75
0x76
0x76
0x75
0x73
0x74
0x74
0x73
0x71
0x72
0x72
0x71
0x6F
0x70
0x70
0x6F
0x6D
0x6E
0x6E
0x6D
0x6B
0x6C
0x6C
0x6B
0x69
0x6A
0x6A
0x69
0x67
0x68
0x68
0x67
0x65
0x66
0x66
0x65
0x63
0x64
0x64
0x63
0x61
0x62
0x62
0x61
14/18-bit
14/18-bit
16/20-bit
16/20-bit
14/18-bit
16/20-bit
14/18-bit
16/20-bit
Figure 7-40. 2-wire output bit mapper
In the following example (Figure 7-41), the 16-bit 2-wire serial output is reordered to where lane DA1/DB1 carries
the 8 MSB and lane DA0/DB0 carries 8 LSBs.
DA1
D19A
(0x60
0x2D)
DA0
D11A
(0x4C
0x1D)
D18A
(0x5F
0x2C)
D10A
(0x4B
0x1C)
D17A
(0x5E
0x27)
D9A
(0x4A
0x17)
D16A
(0x5D
0x26)
D8A
(0x49
0x16)
DB1
D19B
(0x88
0x29)
DB0
D11B
(0x74
0x19)
D18B
(0x87
0x28)
D10B
(0x73
0x18)
D17B
(0x86
0x23)
D9B
(0x72
0x13)
D16B
(0x85
0x22)
D8B
(0x71
0x12)
D15A
(0x5C
0x25)
D7A
(0x48
0x15)
D14A
(0x5B
0x24)
D6A
(0x47
0x14)
D13A
(0x5A
0x1F)
D5A
(0x46
0x0F)
D12A
(0x59
0x1E)
D4A
(0x45
0x0E)
D15B
(0x84
0x21)
D7B
(0x70
0x11)
D14B
(0x83
0x20)
D6B
(0x6F
0x10)
D13B
(0x82
0x1B)
D5B
(0x6E
0x0B)
D12B
(0x81
0x1A)
D4B
(0x6D
0x0A)
D19A
(0x56
0x6D)
D11A
(0x42
0x5D)
D18A
(0x55
0x6C)
D10A
(0x41
0x5C)
D17A
(0x54
0x67)
D9A
(0x40
0x57)
D16A
(0x53
0x66)
D8A
(0x39
0x56)
D19B
(0x7E
0x69)
D11B
(0x6A
0x59)
D18B
(0x7D
0x68)
D10B
(0x69
0x58)
D17B
(0x7C
0x63)
D9B
(0x68
0x53)
D16B
(0x7B
0x62)
D8B
(0x67
0x52)
D15A
(0x52
0x65)
D7A
(0x38
0x55)
D14A
(0x51
0x64)
D6A
(0x37
0x54)
D13A
(0x50
0x5F)
D5A
(0x36
0x4F)
D12A
(0x4F
0x5E)
D4A
(0x35
0x4E)
D15B
(0x7A
0x61)
D7B
(0x66
0x51)
D14B
(0x79
0x60)
D6B
(0x65
0x50)
D13B
(0x78
0x5B)
D5B
(0x64
0x4B)
D12B
(0x77
0x5A)
D4B
(0x63
0x4A)
Previous Sample
Current Sample
Figure 7-41. Example: 2-wire output bit mapping
7.3.5.3.2 1-Wire Mode
Only the ‘current’ sample needs to programmed in the address space. A duplicated can be created on DA1/DB1
as well (using addresses shown below) to have a redundant output. Lane DA1/DB1 needs to be powered up.
DB1
DB0
(default)
DA1
DA0
(default)
0x60
0x5F
0x5E 0x5D 0x5C 0x5B
0x5A 0x59 0x58
0x57
0x56
0x55 0x54
0x53 0x52
0x51
0x50 0x4F
0x4E
0x4D
14-bit
20-bit
18-bit
16-bit
0x4C 0x4B 0x4A 0x49 0x48
0x47
0x46
0x45 0x44 0x43 0x42 0x41 0x40
0x3F 0x3E
0x3D 0x3C 0x3B 0x3A 0x39
0x88
0x87
0x86 0x85 0x84
0x83
0x82 0x81 0x80
0x7F
0x7E 0x7D 0x7C
0x7B 0x7A
0x79
0x78 0x77
0x76
0x75
0x74
0x73
0x72 0x71 0x70
0x6F
0x6E 0x6D
0x6C 0x6B 0x6A 0x69 0x68
0x67 0x66
0x65
0x64 0x63 0x62 0x61
Figure 7-42. 1-wire output bit mapping
ADC3683-SP
SBASAB5 – MARCH 2024
www.ti.com
36
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3683-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com