Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3683 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3683
Description  ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3683 Datasheet(HTML) 53 Page - Texas Instruments

Back Button ADC3683 Datasheet HTML 49Page - Texas Instruments ADC3683 Datasheet HTML 50Page - Texas Instruments ADC3683 Datasheet HTML 51Page - Texas Instruments ADC3683 Datasheet HTML 52Page - Texas Instruments ADC3683 Datasheet HTML 53Page - Texas Instruments ADC3683 Datasheet HTML 54Page - Texas Instruments ADC3683 Datasheet HTML 55Page - Texas Instruments ADC3683 Datasheet HTML 56Page - Texas Instruments ADC3683 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
Figure 9-3. Register 0x08
7
6
5
4
3
2
1
0
0
0
PDN CLKBUF
PDN REFAMP
0
PDN A
PDN B
PDN GLOBAL
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 9-4. Register 0x08 Field Descriptions
Bit
Field
Type
Reset
Description
7-6
0
R/W
0
Must write 0
5
PDN CLKBUF
R/W
0
Powers down sampling clock buffer
0: Clock buffer enabled
1: Clock buffer powered down
4
PDN REFAMP
R/W
0
Powers down internal reference gain amplifier
0: REFAMP enabled
1: REFAMP powered down
3
0
R/W
0
Must write 0
2
PDN A
R/W
0
Powers down ADC channel A
0: ADC channel A enabled
1: ADC channel A powered down
1
PDN B
R/W
0
Powers down ADC channel B
0: ADC channel B enabled
1: ADC channel B powered down
0
PDN GLOBAL
R/W
0
Global power down via SPI
0: Global power disabled
1: Global power down enabled. Power down mask (register
0x0D) determines which internal blocks are powered down.
Figure 9-4. Register 0x09
7
6
5
4
3
2
1
0
0
0
PDN FCLKOUT PDN DCLKOUT
PDN DA1
PDN DA0
PDN DB1
PDN DB0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 9-5. Register 0x09 Field Descriptions
Bit
Field
Type
Reset
Description
7-6
0
R/W
0
Must write 0
5
PDN FCLKOUT
R/W
0
Powers down frame clock (FCLK) LVDS output buffer
0: FCLK output buffer enabled
1: FCLK output buffer powered down
4
PDN DCLKOUT
R/W
0
Powers down DCLK LVDS output buffer
0: DCLK output buffer enabled
1: DCLK output buffer powered down
3
PDN DA1
R/W
0
Powers down LVDS output buffer for channel A, lane 1.
NOT powered down automatically in 1-wire and 1/2-wire mode.
0: DA1 LVDS output buffer enabled
1: DA1 LVDS output buffer powered down
2
PDN DA0
R/W
0
Powers down LVDS output buffer for channel A, lane 0.
0: DA0 LVDS output buffer enabled
1: DA0 LVDS output buffer powered down
1
PDN DB1
R/W
0
Powers down LVDS output buffer for channel B, lane 1. NOT
powered down automatically in 1-wire and 1/2-wire mode.
0: DB1 LVDS output buffer enabled
1: DB1 LVDS output buffer powered down
0
PDN DB0
R/W
0
Powers down LVDS output buffer for channel B, lane 0.
NOT powered down automatically in 1/2-wire mode.
0: DB0 LVDS output buffer enabled
1: DB0 LVDS output buffer powered down
www.ti.com
ADC3683-SP
SBASAB5 – MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: ADC3683-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com