Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3683 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3683
Description  ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3683 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADC3683 Datasheet HTML 16Page - Texas Instruments ADC3683 Datasheet HTML 17Page - Texas Instruments ADC3683 Datasheet HTML 18Page - Texas Instruments ADC3683 Datasheet HTML 19Page - Texas Instruments ADC3683 Datasheet HTML 20Page - Texas Instruments ADC3683 Datasheet HTML 21Page - Texas Instruments ADC3683 Datasheet HTML 22Page - Texas Instruments ADC3683 Datasheet HTML 23Page - Texas Instruments ADC3683 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
7.3.2 Clock Input
To maximize the ADC SNR performance, the external sampling clock should be low jitter and differential
signaling with a high slew rate. This is especially important in IF sampling applications (Figure 7-10 and Figure
7-11). For less jitter sensitive applications, the device provides the option to operate with single ended signaling
which saves additional power consumption.
Figure 7-10. AC Performance vs Clock Amplitude
(Differential Clock Input)
Figure 7-11. AC Performance vs Clock Amplitude
(Single Ended Clock Input)
7.3.2.1 Single Ended vs Differential Clock Input
The ADC3683-SP can be operated using a differential or a single ended clock input where the single ended
clock consumes less power consumption. However, clock amplitude impacts the ADC aperture jitter and
consequently the SNR. For maximum SNR performance, a large clock signal with fast slew rates needs to
be provided.
• Differential Clock Input: The clock input can be AC coupled externally. The ADC3683-SP provides internal
bias.
• Single Ended Clock Input: This mode needs to be configured using SPI register (0x0E, D2 and D0), or with
the REFBUF pin. In this mode, there is no internal clock biasing, so the clock input needs to be DC coupled
around a 0.9V center. The unused input needs to be AC coupled to ground.
VCM
0.9V
CLKP
CLKM
5kO
5kO
CLKP
CLKM
0.9V
0V
1.8V
+
-
Figure 7-12. External and internal connection using differential (left) and single ended (right) clock input
ADC3683-SP
SBASAB5 – MARCH 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3683-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com