Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SL2S3003
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SL2S3003 Datasheet HTML 11Page - NXP Semiconductors SL2S3003 Datasheet HTML 12Page - NXP Semiconductors SL2S3003 Datasheet HTML 13Page - NXP Semiconductors SL2S3003 Datasheet HTML 14Page - NXP Semiconductors SL2S3003 Datasheet HTML 15Page - NXP Semiconductors SL2S3003 Datasheet HTML 16Page - NXP Semiconductors SL2S3003 Datasheet HTML 17Page - NXP Semiconductors SL2S3003 Datasheet HTML 18Page - NXP Semiconductors SL2S3003 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
8.2.3 Configuration memory
The configuration memory stores the IC configuration settings. Direct access to this memory area is only
possible with READ_CONFIG and WRITE_CONFIG commands depending on the initialization status.
The configuration lock bit locks only the access with the WRITE CONFIG command. Commands (WRITE AFI,
LOCK AFI, WRITE PASSWORD, and others) that modify specific data fields in the configuration memory can
still be used, if the related data fields are not locked.
• Blocks 26 - 31 (OTP bits)
OTP bits can be set to 1 with the WRITE CONFIG command, writing of 0 is ignored. Each OTP bit is set to
1 one time. Each block with OTP bits must not be written more than four times with the WRITE CONFIG
command.
• Block 38 (status bits)
The bits in block 38 can only be read with the READ CONFIG command. Programming with the WRITE
CONFIG command returns a response with the ERROR_flag set to 1.
• Block 41 - 46 (passwords)
If the password is not locked, the WRITE CONFIG or WRITE PASSWORD commands are used to program
the password. See Section 8.5.3.3 "WRITE PASSWORD". The READ CONFIG command masks all the
passwords bytes with 00h.
Note: Use diversified passwords. Use passwords diversified per application for the privacy passwords. Use the
configuration password only in trusted environments.
• Block 47 contains the open TagTamper message TT_OPEN_MSG for the SL2S3003TT. This block is RFU for
the SL2S3003.
• RFU
RFU marked fields are reserved for future use.
Block Address
Byte number
Dec
0
1
2
3
Access
0 - 7
OS 0 - 31
r/w
8 - 11
OS 32 - 47
r/w
12 - 15
RFU
16
DSFID
RFU
17
AFI
RFU
r/w
18
EAS ID0
EAS ID1
RFU
r/w
19
CID0
CID1
RFU
r/w
20
PPC_PNTR
PPC_CTRL
RFU
r/w
21
LP_PNTR
LP_CTRL
RFU
r/w
22
NFC_MIRROR_CRT
NFC_MIRROR_BLK
RFU
r/w
23
TT_SHOW_STATUS[1]
RFU
r/w
24 - 25
RFU
r
26
OTP_LOCK0
RFU
r/w
27
OPT_LOCK1
RFU
r/w
28
OPT_LOCK2
RFU
r/w
29
OPT_LOCK3
RFU
r/w
30
OPT_LOCK4
RFU
r/w
31
OPT_LOCK5
RFU
r/w
Table 9. Configuration memory blocks
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
15 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com