Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # SL2S3003
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button SL2S3003 Datasheet HTML 36Page - NXP Semiconductors SL2S3003 Datasheet HTML 37Page - NXP Semiconductors SL2S3003 Datasheet HTML 38Page - NXP Semiconductors SL2S3003 Datasheet HTML 39Page - NXP Semiconductors SL2S3003 Datasheet HTML 40Page - NXP Semiconductors SL2S3003 Datasheet HTML 41Page - NXP Semiconductors SL2S3003 Datasheet HTML 42Page - NXP Semiconductors SL2S3003 Datasheet HTML 43Page - NXP Semiconductors SL2S3003 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
8.5.3.3 WRITE PASSWORD
Command code = B4h
The WRITE PASSWORD command is used to write a new password into the related memory:
• If the related old password has already been transmitted with a SET PASSWORD command, and
• If the addressed password is not locked (see Section 8.5.3.4 "LOCK PASSWORD").
Note: The WRITE PASSWORD command can only be executed in addressed or selected mode. The new
password takes effect immediately. That is, the new password must be transmitted with the SET PASSWORD
command to access protected blocks/pages.
The different passwords are addressed with the password identifier.
The timing of the command is write alike.
Option 0 (Option flag not set) is supported.
Option 1 (Option flag set) is supported.
Also, the WRITE CONFIG command to the related blocks 41-46 in the configuration memory can be used to
write the passwords. See Table 9.
Note: Use diversified passwords. For the privacy passwords, use diversified passwords per application. Only
use the configuration password in trusted environments.
SOF
Flags
WRITE PAS
SWORD
IC Mfg code UID
Password
identifier
Password
CRC16
EOF
-
8 bits
8 bits
8 bits
64 bits
optional
8 bits
32 bits
16 bits
-
Table 55. WRITE PASSWORD request format
Password identifier
Password
01h
Read
02h
Write
04h
Privacy
08h
Destroy
10h
EAS/AFI
20h
Configuration memory
Table 56. Password Identifier
SOF
Flags
Error code
CRC16
EOF
-
8 bits
8 bits
16 bits
-
Table 57. WRITE PASSWORD response format when Error_flag set
SOF
Flags
CRC16
EOF
-
8 bits
16 bits
-
Table 58. WRITE PASSWORD response format when Error_flag NOT set
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
40 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com