Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # SL2S3003
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button SL2S3003 Datasheet HTML 47Page - NXP Semiconductors SL2S3003 Datasheet HTML 48Page - NXP Semiconductors SL2S3003 Datasheet HTML 49Page - NXP Semiconductors SL2S3003 Datasheet HTML 50Page - NXP Semiconductors SL2S3003 Datasheet HTML 51Page - NXP Semiconductors SL2S3003 Datasheet HTML 52Page - NXP Semiconductors SL2S3003 Datasheet HTML 53Page - NXP Semiconductors SL2S3003 Datasheet HTML 54Page - NXP Semiconductors SL2S3003 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
Bit number Bit name
Value Feature
7
PERSISTENT
QUIET
0
refer to Table 87
8 (MSB)
-
0
RFU
Table 86. Extended options...continued
QUIET bit [6]
PERSISTENT
QUIET bit [7]
Feature
0
0
remain in current state
1
0
go to Quiet State after response (refer to Section 8.5.1.2 "STAY QUIET")
0
1
go to Persistent Quiet State after Response (refer to Section 8.5.3.19 "STAY QUIET
PERSISTENT")
1
1
only tags in the PERSISTENT QUIET state will respond to the command
Table 87. QUIET and PERSISTANT QUIET bit in Extended options
If the option flag in the request is set to 1, the response contains the truncated or the complete UID depending
on the extended option flag 2.
If the option flag in the request is set to 0, the UID is not part of the response.
SOF
Flags
Optional
CID
Optional truncated UID OR complete
UID
Optional data
CRC16
EOF
-
8 bits
16 bits 0 to 64 bit
Block length
16 bits
-
Multiple of 8 bits
Repeated as needed
Table 88. Inventory Read (extended mode) response format: Option flag logic 1
The mechanism and timing of the INVENTORY READ command are similar to the INVENTORY command
described in clause 8 of ISO/IEC 15693-3.
If the UID is requested in the truncated format, the re-transmitted UID can be calculated as follows:
16 slots: 64 - 4 - mask length rounded up to the next byte boundary
1 slot: 64 - mask length rounded up to the next byte boundary
Example: mask length = 30
Returned: 64 - 4 - 30 = 30 gives 4 bytes
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Byte 7
UID
transmitted by Interrogator
mask value incl. padding with zeros
returned value
transmitted by
ICODE 3 IC
Table 89. Example
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
51 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com