Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # SL2S3003
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button SL2S3003 Datasheet HTML 44Page - NXP Semiconductors SL2S3003 Datasheet HTML 45Page - NXP Semiconductors SL2S3003 Datasheet HTML 46Page - NXP Semiconductors SL2S3003 Datasheet HTML 47Page - NXP Semiconductors SL2S3003 Datasheet HTML 48Page - NXP Semiconductors SL2S3003 Datasheet HTML 49Page - NXP Semiconductors SL2S3003 Datasheet HTML 50Page - NXP Semiconductors SL2S3003 Datasheet HTML 51Page - NXP Semiconductors SL2S3003 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
SOF
Flags
CRC16
EOF
-
8 bits
16 bits
-
Table 80. ENABLE PRIVACY response format when Error_flag NOT set
8.5.3.10 INVENTORY READ
Command code = A0h
When receiving the INVENTORY READ request, the ICODE 3 IC performs the anti-collision sequence, but
instead of the UID and the DSFID in the response, there are additional options.
The INVENTORY READ command generates two modes which are defined by the most significant bit of the
mask length byte as follows:
• Standard mode (MSB mask length byte equal 0)
The standard mode of the INVENTORY READ command is fully backward compatible to the ICODE SLI and
ICODE SLIX ( Standard mode ).
• Extended mode (MSB mask length byte equal 1)
The extended mode supports additional features to optimize the inventory procedure for different
requirements ( Extended Mode ).
Standard mode
If MSB mask length byte equals 0, the INVENTORY READ command is used in the standard mode.
If the Inventory_flag is set to 1 and an error is detected, the ICODE 3 IC remains silent.
If the Option flag is set to logic 0, n blocks of data are re-transmitted. If the Option flag is set to 1, n blocks of
data and the part of the UID which is not part of the mask are re-transmitted.
The request contains:
• Flags
• INVENTORY READ command code
• IC manufacturer code
• AFI (if AFI flag set)
• Mask length (most significant bit equal 0)
• Mask value (if mask length > 0)
• First block number to be read
• Number of blocks to be read
• CRC 16
SOF Flags
INVENTORY
READ
IC Mfg
code
AFI
Mask
length
Mask
value
First block
number
Number
of blocks
CRC16
EOF
-
8 bits
8 bits
8 bits
8 bits
optional
8 bits
0 to 64
bits
8 bits
8 bits
16 bits
-
Table 81. INVENTORY READ request format
If the Inventory_flag is set to logic 1, only the tags in the READY or SELECTED state respond (same behavior
as in the INVENTORY command). The meaning of flags 5 to 8 is in accordance with table 5 in ISO/IEC 15693-3
[3].
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
48 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com