Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # SL2S3003
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button SL2S3003 Datasheet HTML 40Page - NXP Semiconductors SL2S3003 Datasheet HTML 41Page - NXP Semiconductors SL2S3003 Datasheet HTML 42Page - NXP Semiconductors SL2S3003 Datasheet HTML 43Page - NXP Semiconductors SL2S3003 Datasheet HTML 44Page - NXP Semiconductors SL2S3003 Datasheet HTML 45Page - NXP Semiconductors SL2S3003 Datasheet HTML 46Page - NXP Semiconductors SL2S3003 Datasheet HTML 47Page - NXP Semiconductors SL2S3003 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
Bit
Name
Value
Description
0
Page L is not read protected
b1 (LSB)
RL
1
Page L is read protected
0
Page L is not write protected
b2
WL
1
Page L is write protected
b3
-
0
RFU
b4
-
0
RFU
0
Page H is not read protected
b5
RH
1
Page H is read protected
0
Page H is not write protected
b6
WH
1
Page H is write protected
b7
-
0
RFU
b8 (MSB)
-
0
RFU
Table 68. Extended Protection status byte
Also, the protection status bits can be set in the configuration memory with a WRITE CONFIG command to
configure the related bits in the PPC_CTRL byte (Table 11).
Wx
Rx
32-bit password protection
64-bit password protection
0
0
Public
Public
0
1
Read and Write protected by the Read
password
Read and Write protected by the Read plus
Write password
1
0
Write protected by the Write password
Write protected by the Read plus Write
password
1
1
Read protected by the Read password
and Write protected by the Read and Write
password
Read and Write protected by the Read plus
Write password
Table 69. Protection status bits definition
SOF
Flags
Error code
CRC16
EOF
-
8 bits
8 bits
16 bits
-
Table 70. POTECT PAGE response format when Error_flag set
SOF
Flags
CRC16
EOF
-
8 bits
16 bits
-
Table 71. POTECT PAGE response format when Error_flag NOT set
The information about the stored settings of the protection pointer address and access conditions can be
read with the GET NXP SYSTEM INFORMATION command (refer to Section 8.5.3.18 "GET NXP SYSTEM
INFORMATION").
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
44 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com