Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SL2S3003
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SL2S3003 Datasheet HTML 17Page - NXP Semiconductors SL2S3003 Datasheet HTML 18Page - NXP Semiconductors SL2S3003 Datasheet HTML 19Page - NXP Semiconductors SL2S3003 Datasheet HTML 20Page - NXP Semiconductors SL2S3003 Datasheet HTML 21Page - NXP Semiconductors SL2S3003 Datasheet HTML 22Page - NXP Semiconductors SL2S3003 Datasheet HTML 23Page - NXP Semiconductors SL2S3003 Datasheet HTML 24Page - NXP Semiconductors SL2S3003 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
Bit number
0
1
2
3
4
5
6
7
OTP_PPC_
LOCK
OTP_
PRIVACY_
PWD_LOCK
OTP_
DESTROY_
PWD_LOCK
OTP_OS_
LOCK
RFU
Table 24. OTP_LOCK1 byte
Field
Bit
Values at
Delivery
Description
OTP_PPC_
LOCK
1
0h
Defines the write access of the Page Protection condition bytes PPC_PNTR and
PPC_CTRL in configuration memory block 20:
0b ... Page Protection bytes are not write locked
1b ... Page Protection bytes are locked
Note: Lock the Page Protection condition at the end of the initialization of the IC.
OTP_PRIVACY_
PWD_LOCK
1
0h
Defines the write access of the Privacy Password in configuration memory block
44:
0b ... Privacy Password is not write locked
1b ... Privacy Password is locked. The Privacy password can also be locked with
the LOCK PASSWORD command (see Section 8.5.3.4).
OTP_
DESTROY_
PWD_LOCK
1
0h
Defines the write access of the Destroy Password in configuration memory block
45:
0b ... Destroy Password is not write locked
1b ... Destroy Password is locked. The Destroy password can also be locked with
the LOCK PASSWORD command (see Section 8.5.3.4).
OTP_OS_LOCK 1
0h
Defines the write access of the Originality Signature in configuration memory
blocks 0 - 11 as well as the length of the originality signature defined with the OS_
CFG_MODE bit:
0b ... Originality Signature is not write locked
1b ... Originality Signature is locked
Note: Lock the Originality Signature at the end of the initialization of the IC. (Not
required if the complete configuration memory is locked with the OTP_CONFIG_
LOCK (see Table 28).
Table 25. OTP_LOCK1 byte configuration parameter descriptions
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
21 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com