Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # SL2S3003
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button SL2S3003 Datasheet HTML 67Page - NXP Semiconductors SL2S3003 Datasheet HTML 68Page - NXP Semiconductors SL2S3003 Datasheet HTML 69Page - NXP Semiconductors SL2S3003 Datasheet HTML 70Page - NXP Semiconductors SL2S3003 Datasheet HTML 71Page - NXP Semiconductors SL2S3003 Datasheet HTML 72Page - NXP Semiconductors SL2S3003 Datasheet HTML 73Page - NXP Semiconductors SL2S3003 Datasheet HTML 74Page - NXP Semiconductors SL2S3003 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
9 Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Tstg
storage temperature
-55
+125
°C
Ptot
total power dissipation
-
125
mW
Tj
junction temperature
-40 [3] +105
°C
Ii(max)
maximum input current
LA to LB; peak
[4] -
±60
mA
II
input current
LA to LB; RMS
-
30
mA
Vind
maximum induced voltage (for SL2S3003TT
only)
DP
-
0.5
V
VESD
electrostatic discharge voltage
human body model
(HBM) [5]
[6] -
±2
kV
Table 136. Limiting values (Wafer)[1][2]
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any conditions other than
those described in the operating conditions and electrical characteristics sections of this specification is not
implied.
2. This product includes circuitry specifically designed for the protection of its internal devices from the
damaging effects of excessive static charge. Nonetheless, it is suggested that conventional precautions be
taken to avoid applying greater than the rated maxima.
3. Under extreme conditions (negative temperatures and tag stays a long time at the maximum operating
range) the use of HF Resets is recommended.
4. The voltage between LA and LB is limited by the on-chip voltage limitation circuitry (corresponding to
parameter II).
5. According to ANSI/ESDA/JEDEC JS-001.
6. For ESD measurement, the IC was mounted in a SO28 package.
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Observe precautions for handling
electrostatic sensitive devices.
Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5, JESD625-A or
equivalent standards.
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
71 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com