Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # SL2S3003
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button SL2S3003 Datasheet HTML 59Page - NXP Semiconductors SL2S3003 Datasheet HTML 60Page - NXP Semiconductors SL2S3003 Datasheet HTML 61Page - NXP Semiconductors SL2S3003 Datasheet HTML 62Page - NXP Semiconductors SL2S3003 Datasheet HTML 63Page - NXP Semiconductors SL2S3003 Datasheet HTML 64Page - NXP Semiconductors SL2S3003 Datasheet HTML 65Page - NXP Semiconductors SL2S3003 Datasheet HTML 66Page - NXP Semiconductors SL2S3003 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
8.5.3.21 READ CONFIG
Command code = C0h
The READ CONFIG command reads the requested number of blocks (n-1). The reading starts with the first
block defined by the block address of the configuration memory.
Access to the configuration blocks depends on the status and definition of the related block within the
configuration memory (see Section 8.2.3 "Configuration memory").
If one of the requested configuration blocks is not accessible due to the actual status, the ICODE 3 responds
with Error_flag set (see Table 119).
Within one command execution, a READ_CONFIG command can read one or multiple blocks of the following
areas of the configuration memory:
• Block 0 to block 127
• Passwords cannot be read and are masked with 0x00 in the response
Block 41: CFG_PWD (Configuration password)
Block 42: READ_PWD (Read password
Block 43: WRITE_PWD (Write password)
Block 44: PRIVACY_PWD (Privacy password)
Block 45: DESTROY_PWD (Destroy password
Block 46: EASAFI_PWD (EAS/AFI password)
Block 47 (TT_OPEN_MSG) can only be read if it is not write-locked with the OTP_TT_OPEN_MSG_LOCK bit
(see Table 32) otherwise it is locked with all bytes 0x00.
Option 0 (Option flag not set) is supported.
Option 1 (Option flag set) is not supported.
SOF Flags
READ_CONFIG
IC Mfg code
UID
Block
Address
Number of
Blocks
CRC16
EOF
-
8 bits
8 bits
8 bits
64 bits
optional
8 bits
8 bits
16 bits
-
Table 118. READ CONFIG request format
SOF
Flags
Error code
CRC16
EOF
-
8 bits
8 bits
16 bits
-
Table 119. READ CONFIG response format when Error_flag set
SOF
Flags
Data
CRC16
EOF
-
8 bits
32 bits repeated as
needed
16 bits
-
Table 120. READ_CONFIG response format when Error_flag NOT set
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
63 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com