Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # SL2S3003
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button SL2S3003 Datasheet HTML 21Page - NXP Semiconductors SL2S3003 Datasheet HTML 22Page - NXP Semiconductors SL2S3003 Datasheet HTML 23Page - NXP Semiconductors SL2S3003 Datasheet HTML 24Page - NXP Semiconductors SL2S3003 Datasheet HTML 25Page - NXP Semiconductors SL2S3003 Datasheet HTML 26Page - NXP Semiconductors SL2S3003 Datasheet HTML 27Page - NXP Semiconductors SL2S3003 Datasheet HTML 28Page - NXP Semiconductors SL2S3003 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
Bit number
0
1
2
3
4
5
6
7
OTP_
PWD64_EN
OTP_TT_
OPEN_MSG_
LOCK (RFU)
OTP_TT_
EN (RFU)
RFU
Table 32. OTP_LOCK5 byte
Field
Bit
Values at
Delivery
Description
OTP_PWD64_
EN
1
0h
Defines if the 64-bit password protection is enabled:
0b ... 64 bit password protection is disabled
1b ... 64 bit password protection is enabled. The 64-bit password protection can
also be enabled with the 64 BIT PASSWORD PROTECTION command (see
Section 8.5.3.5).
for SL2S3003
TT (RFU for SL2
S3003)
OTP_TT_OPEN_
MSG_LOCK
1
0h
Defines if the TT_OPEN_MSG (TagTamper open message) in block 47 is write
locked:
0b ... TT_OPEN_MSG is not write locked and TT_OPEN_MSG can be read with
the READ CONFIG command
1b ... TT_OPEN_MSG is write locked and cannot be changed with the WRITE
CONFIG command and on a READ CONFIG command the TT_OPEN_MSG is
masked with 0x00
for SL2S3003
TT (RFU for SL2
S3003)
OTP_TT_EN
1
0h
Defines if the first TagTamper open event shall be stored permanently:
0b ... Store TagTamper status is disabled
1b ... Store TagTamper feature is enabled
Table 33. OTP_LOCK5 byte configuration parameter descriptions
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
25 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com