Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # SL2S3003
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button SL2S3003 Datasheet HTML 27Page - NXP Semiconductors SL2S3003 Datasheet HTML 28Page - NXP Semiconductors SL2S3003 Datasheet HTML 29Page - NXP Semiconductors SL2S3003 Datasheet HTML 30Page - NXP Semiconductors SL2S3003 Datasheet HTML 31Page - NXP Semiconductors SL2S3003 Datasheet HTML 32Page - NXP Semiconductors SL2S3003 Datasheet HTML 33Page - NXP Semiconductors SL2S3003 Datasheet HTML 34Page - NXP Semiconductors SL2S3003 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
8.2.3.3 NFC ASCII mirror feature
The NFC ASCII mirror feature of ICODE 3 enables the label IC to virtually mirror:
• The 8-byte UID (see Section 8.2.1), and
• The 3-byte NFC counter value (see Section 8.2.3.1.2).
ICODE 3 TagTamper (SLS3003TT) virtually mirrors in addition:
• The 4-byte TagTamper message, and
• The 1-byte actual TagTamper status.
The feature depends on NFC mirror settings into the physical memory of the IC in ASCII code. On a READ
or FAST READ command to the assigned user memory blocks, the label IC responds with the virtual memory
content of the UID and/or NFC counter value (SL2S3003) and/or TagTamper message and/or current
TagTamper status (SLS3003TT) in ASCII code depending on the settings in the NFC_MIRROR_CTR byte (see
Table 16).
The required length of the reserved physical memory for the mirror functions and the order for the ASCII mirrors
are specified in Table 47.
Note: The number of bytes (see Table 47) of the enabled ASCII mirrors must not exceed the boundary of the
user memory. Use only valid values for NFC_MIRROR_BLK and NFC_MIRROR_BYTE. If the ASCII mirror
exceeds the user memory area, the ASCII mirroring stops at the end of the user memory.
ASCII mirror and order
Required number of bytes in the physical memory
UID mirror
16 bytes
UID + NFC counter mirror
23 bytes
(16 bytes for UID + 1 byte separation + 6 bytes NFC counter value)
ICODE 3 TagTamper (SL2S3003
TT) only:
UID + NFC counter mirror + Tag
Tamper message mirror
32 bytes
(16 bytes for UID + 1 byte separation + 6 bytes NFC counter value + 1 byte separation +
8 bytes TagTamper message)
ICODE 3 TagTamper (SL2S3003
TT) only:
UID + NFC counter mirror + Tag
Tamper message mirror + Tag
Tamper status
34 bytes
(16 bytes for UID + 1 byte separation + 6 bytes NFC counter value + 1 byte separation +
8 bytes TagTamper message + 1 byte separation + 1 byte current TagTamper Status)
Table 47. Required memory space for ASCII mirror
The fields are mirrored into the defined user memory area in the following order:
• UID: MSB first
• NFC counter: MSB First
• TagTamper message: LSB fist
The NFC_MIRROR_BLK and NFC_MIRROR_BYTE values in the configuration define the position within the
user memory where the mirroring of the ASCII mirror starts.
The NFC_MIRROR_BLK value defines the block where the ASCII mirror starts and the NFC_MIRROR_BYTE
value defines the starting byte within the defined block.
The ASCII mirrors are enabled with the NFC_MIRROR_SEL bits (see Table 17.)
If more than one ASCII mirror is enabled, the ASCII mirrors are separated automatically with an "x" character
(78h ASCII code).
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
31 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com