Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003TT Datasheet(PDF) 29 Page - NXP Semiconductors

Part # SL2S3003TT
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003TT Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button SL2S3003TT Datasheet HTML 25Page - NXP Semiconductors SL2S3003TT Datasheet HTML 26Page - NXP Semiconductors SL2S3003TT Datasheet HTML 27Page - NXP Semiconductors SL2S3003TT Datasheet HTML 28Page - NXP Semiconductors SL2S3003TT Datasheet HTML 29Page - NXP Semiconductors SL2S3003TT Datasheet HTML 30Page - NXP Semiconductors SL2S3003TT Datasheet HTML 31Page - NXP Semiconductors SL2S3003TT Datasheet HTML 32Page - NXP Semiconductors SL2S3003TT Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
8.2.3.1.2 NFC counter
If the 24-bit counter is configured as an NFC counter, at each start of the IC, the label IC automatically
increases the 24-bit counter value. In the NFC counter mode, the start-up time of the reader device must
comply with the NFC Forum Tag 5 Type specification .
Once the NFC counter has reached the maximum value of FF FF FF hex, the NFC counter value does not
change anymore.
The NFC counter is enabled or disabled with the COUNTER_MODE bit in the configuration memory bit. See
Table 36 in Section 8.2.3.
To read the NFC counter value, use either a read command to block 75 or NFC counter mirror feature.
If the counter is configured as NFC counter, the counter is incremented every time the tag is tapped by an NFC
device or other read point. Due to response time constraints in ISO/IEC 15693 [1], the increment is done at
start-up and not at the first read access to the user memory. A circuit that preserves its state over HF resets
prevents further increments of the NFC counter until a read of the user memory is executed.
To ensure that the NFC counter is also incremented in situations where the tag slowly enters the HF field
(typically in long range systems), the label IC retries to increment the counter at start-up multiple times. To
optimally adapt to the application, two options are available with the NFC_RETRY_MODE bit:
NFC_RETRY_
MODE
Number of
retries
Time between
retries
Total retry
period
Recommended usage
0
16
4.8 ms
> 77 ms
default (for most applications)
1
64
9.6 ms
> 614 ms
Applications where the label enters the field very
slow
Table 46. NFC_RETRY_MODE request format
If all the retries fail, the counter returns 0x00 00 00 to indicate that the counter had not been increased. For the
TagTamper version, the same retry mechanism is used for the stored TagTamper status. If all the retries fail, the
stored TagTamper status is reported as “E”.
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
29 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com