Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003TT Datasheet(PDF) 68 Page - NXP Semiconductors

Part # SL2S3003TT
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003TT Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button SL2S3003TT Datasheet HTML 64Page - NXP Semiconductors SL2S3003TT Datasheet HTML 65Page - NXP Semiconductors SL2S3003TT Datasheet HTML 66Page - NXP Semiconductors SL2S3003TT Datasheet HTML 67Page - NXP Semiconductors SL2S3003TT Datasheet HTML 68Page - NXP Semiconductors SL2S3003TT Datasheet HTML 69Page - NXP Semiconductors SL2S3003TT Datasheet HTML 70Page - NXP Semiconductors SL2S3003TT Datasheet HTML 71Page - NXP Semiconductors SL2S3003TT Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
To increment the counter by one with a WRITE SINGLE BLOCK command to block 75. If the password
protection to increment the counter is enabled, the read password needs to be transmitted to the label IC with
the SET PASSWORD command before (refer to Section 8.5.3.2 "SET PASSWORD").
The data for the WRITE SINGLE BLOCK command to increment the counter are defined in Table 133.
Note: The counter can be incremented only with the C0, C1 and C2 values defined in Table 134. If the write
password has been transmitted earlier with a SET PASSWORD command, the other values preset the counter
or lead to an error message.
Byte
Name
Value
Description
0
C0
0x01
LSB of the counter value
1
C1
0x00
—
2
C2
0x00
MSB of the counter value
3
PROT
0x00
PROT value of 0x00 only accepts incrementing by 1
Table 134. Increment counter by 1 data structure
To increment the counter by up to 255 (0xFF), issue a WRITE SINGLE BLOCK command to block 75. If the
password protection to increment the counter is enabled, the read password must be transmitted to the label IC
with the SET PASSWORD command first (refer to Section 8.5.3.2 "SET PASSWORD").
The data for the WRITE SINGLE BLOCK command to increment the counter are defined in Table 133.
Note: The counter can be incremented only with the C0, C1 and C2 values defined in Table 134. If the write
password has been transmitted earlier with a SET PASSWORD command, the other values preset the counter
or lead to an error message.
Byte
Name
Value
Description
0
C0
0x01 - 0xFF
LSB of the counter value
1
C1
0x00
2
C2
0x00
MSB of the counter value
3
PROT
0x80
PROT value of 0x80 allows incrementing from 0x01 up to 0xFF
Table 135. Increment counter by up to 0xFF data structure
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
68 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com