Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003TT Datasheet(PDF) 53 Page - NXP Semiconductors

Part # SL2S3003TT
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003TT Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button SL2S3003TT Datasheet HTML 49Page - NXP Semiconductors SL2S3003TT Datasheet HTML 50Page - NXP Semiconductors SL2S3003TT Datasheet HTML 51Page - NXP Semiconductors SL2S3003TT Datasheet HTML 52Page - NXP Semiconductors SL2S3003TT Datasheet HTML 53Page - NXP Semiconductors SL2S3003TT Datasheet HTML 54Page - NXP Semiconductors SL2S3003TT Datasheet HTML 55Page - NXP Semiconductors SL2S3003TT Datasheet HTML 56Page - NXP Semiconductors SL2S3003TT Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
8.5.3.11 FAST INVENTORY READ
Command code = A1h
When receiving the FAST INVENTORY READ command, the ICODE 3 IC response is the same as with the
INVENTORY READ command. Exceptions are:
• The data rate from the ICODE 3 IC to the interrogator is twice the data rate defined in ISO/IEC 15693-3. The
rate depends on the Datarate_flag 53 kbit (high data rate) or 13 kbit (low data rate).
• The data rate from the interrogator to the ICODE 3 IC, and the time between the rising edge of the EOF from
the interrogator to the ICODE 3 IC remain unchanged. That is, same as defined in ISO/IEC 15693-3.
• In the direction of ICODE 3 IC to the interrogator, only the single subcarrier mode is supported.
8.5.3.12 SET EAS
Command code = A2h
The SET EAS command enables the EAS mode, if the EAS mode is not locked. If the EAS mode is password
protected, the EAS password must be transmitted first with the SET PASSWORD command.
The timing of the command is write alike.
Option 0 (Option flag not set) is supported.
Option 1 (Option flag set) is supported.
SOF
Flags
SET EAS
IC Mfg code
UID
CRC16
EOF
-
8 bits
8 bits
8 bits
64 bits optional 16 bits
-
Table 90. SET EAS request format
SOF
Flags
Error code
CRC16
EOF
-
8 bits
8 bits
16 bits
-
Table 91. SET EAS response format when Error_flag set
SOF
Flags
CRC16
EOF
-
8 bits
16 bits
-
Table 92. SET EAS response format when Error_flag NOT set
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
53 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com