Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003TT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SL2S3003TT
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003TT Datasheet(HTML) 3 Page - NXP Semiconductors

  SL2S3003TT Datasheet HTML 1Page - NXP Semiconductors SL2S3003TT Datasheet HTML 2Page - NXP Semiconductors SL2S3003TT Datasheet HTML 3Page - NXP Semiconductors SL2S3003TT Datasheet HTML 4Page - NXP Semiconductors SL2S3003TT Datasheet HTML 5Page - NXP Semiconductors SL2S3003TT Datasheet HTML 6Page - NXP Semiconductors SL2S3003TT Datasheet HTML 7Page - NXP Semiconductors SL2S3003TT Datasheet HTML 8Page - NXP Semiconductors SL2S3003TT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
2 Features and benefits
2.1 ICODE 3 RF interface (ISO/IEC 15693)
• SELFAdjust feature for optimal RF performance
The ICODE 3 has an automatic mechanism implemented which adjusts the RF performance to the optimum in
the operated environment. The adjustment is performed at start-up.
• Contactless transmission of data and power (no battery needed)
• Operating distance of up to 1.5 m (depending on the antenna geometry)
• Operating frequency of 13.56 MHz (ISM, worldwide license freely available)
• Fast data transfer of up to 212 kbit/s
• High data integrity: 16-bit CRC, framing
• True anticollision feature
• Persistent quiet mode to enable faster inventory speed
• Write distance equal to read distance
2.2 EEPROM
• 2432 bits of user memory organized in 76 blocks of 4 bytes each. The last block is reserved for the 24-bit
counter feature.
• 50 years of data retention
• Write endurance of 100000 cycles
2.3 Data protection
• 8-byte unique identifier
• 32-byte or 48-byte programmable originality signature
• Lock mechanism for each user memory block (write protection), and lock protection pointer for fast locking
• Lock mechanism for DSFID, AFI, EAS
• Password (32-bit) protected memory management for Read access
• Password (32-bit) protected memory management for Write access
• Password (32-bit) protected label Destroy
• Password (32-bit) protected privacy mode
• Password (32-bit) protected EAS and AFI functionality
• Password (32-bit) protected memory configuration
• 24-bit counter (NFC counter, or command-based counter with optional password protection)
• Programmable open TagTamper message only visible after the detection of the first open event
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
3 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com