Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003TT Datasheet(PDF) 39 Page - NXP Semiconductors

Part # SL2S3003TT
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003TT Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button SL2S3003TT Datasheet HTML 35Page - NXP Semiconductors SL2S3003TT Datasheet HTML 36Page - NXP Semiconductors SL2S3003TT Datasheet HTML 37Page - NXP Semiconductors SL2S3003TT Datasheet HTML 38Page - NXP Semiconductors SL2S3003TT Datasheet HTML 39Page - NXP Semiconductors SL2S3003TT Datasheet HTML 40Page - NXP Semiconductors SL2S3003TT Datasheet HTML 41Page - NXP Semiconductors SL2S3003TT Datasheet HTML 42Page - NXP Semiconductors SL2S3003TT Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
8.5.3.2 SET PASSWORD
Command code = B3h
The SET PASSWORD command enables the different passwords to be transmitted to the label to access the
different protected functions of the commands. If the label is powered, the SET PASSWORD command must be
executed only once for the related passwords.
Note: The SET PASSWORD command can be executed only in Addressed or Selected mode except for the
Privacy password. If the Privacy password is transmitted, the timing of the SET PASSWORD command is write
alike. See Section 8.5.3.9 "ENABLE PRIVACY".
The XOR password must be calculated with the password and with twice the received random number from the
last GET RANDOM NUMBER command:
XOR_Password[31:0] = Password[31:0] XOR {Random_Number[15:0], Random_Number[15:0]}.
The different passwords are addressed with the password identifier.
SOF
Flags
SET PASSWORD
IC Mfg code UID
Password
identifier
XOR
password
CRC16
EOF
-
8 bits
8 bits
8 bits
64 bits
optional
8 bits
32 bits
16 bits
-
Table 51. SET PASSWORD request format
Password identifier
Password
01h
Read
02h
Write
04h
Privacy
08h
Destroy
10h
EAS/AFI
20h
Configuration memory
Table 52. Password Identifier
SOF
Flags
Error code
CRC16
EOF
-
8 bits
8 bits
16 bits
-
Table 53. SET PASSWORD response format when Error_flag set
SOF
Flags
CRC16
EOF
-
8 bits
16 bits
-
Table 54. SET PASSWORD response format when Error_flag NOT set
Note: If the IC receives an invalid password, it does not execute commands like WRITE PASSWORD or LOCK
PASSWORD until a Power-On Reset (POR) or RF reset.
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
39 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com