Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003TT Datasheet(PDF) 50 Page - NXP Semiconductors

Part # SL2S3003TT
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003TT Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button SL2S3003TT Datasheet HTML 46Page - NXP Semiconductors SL2S3003TT Datasheet HTML 47Page - NXP Semiconductors SL2S3003TT Datasheet HTML 48Page - NXP Semiconductors SL2S3003TT Datasheet HTML 49Page - NXP Semiconductors SL2S3003TT Datasheet HTML 50Page - NXP Semiconductors SL2S3003TT Datasheet HTML 51Page - NXP Semiconductors SL2S3003TT Datasheet HTML 52Page - NXP Semiconductors SL2S3003TT Datasheet HTML 53Page - NXP Semiconductors SL2S3003TT Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
Extended Mode
If the most significant bit of the Mask Length byte is equal to 1, the response format is defined by the extended
option byte.
The request contains:
• Flags
• Inventory Read command code
• IC Manufacturer code
• AFI (if the AFI flag is set)
• Mask length (most significant bit equal 1)
• Extended Options
• Mask value (if mask length > 0)
• First Block Number, if specified in extended options byte
• Number of Blocks, if specified in extended options byte
• CRC 16
SOF Flags Inventory
Read
IC Mfr.
code
AFI
Mask
Length
ext.
Options
opt.
CID
Mask
Value
First
block
number
Number
of blocks
CRC 16 EOF
8 bits 8 bits
8 bits
8 bits
optional
8 bits MSB
= 1
8 bits
16
bits
0 to 64
bits
8 bits
optional
8 bits
optional
8 bits
Table 85. Inventory Read (extended mode) request format
If the Inventory_flag is set to logic 1, only tags in the READY or SELECTED state respond (similar behavior as
INVENTORY command). The meaning of flags 5 to 8 is in accordance with table 5 in ISO/IEC 15693-3 [3].
The INVENTORY READ command can be transmitted in the addressed or selected mode also ( Addressed and
selected mode ).
Bit number Bit name
Value Feature
0
Label responds independent from the EAS status
1 (LSB)
EAS_MODE
1
Only labels will respond which have the EAS enabled
0
UID will be transmitted as in regular mode (truncated reply depending on least
significant 7 bits value of mask length and the mask value)
2
UID_MODE
1
Complete UID will be transmitted (independent from mask length)
3
CID_COMPARE
0
No CID is transmitted in the command
1
16 bit CIDwill be transmitted in the command and only labels with the same CID
will respond
4
CID_RESPONSE 0
CID will NOT be transmitted in the response from the label
1
CID will be transmitted in the response from the label
0
Tag will add the user memory blocks in the response as requested with first block
number byte and number of blocks byte in the command
5
SKIP_DATA
1
No user memory data are requested from the tag, first block number byte and
number of blocks byte shall not be transmitted in the command
6
QUIET
0
refer to Table 87
Table 86. Extended options
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
50 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com