Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003TT Datasheet(PDF) 45 Page - NXP Semiconductors

Part # SL2S3003TT
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003TT Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button SL2S3003TT Datasheet HTML 41Page - NXP Semiconductors SL2S3003TT Datasheet HTML 42Page - NXP Semiconductors SL2S3003TT Datasheet HTML 43Page - NXP Semiconductors SL2S3003TT Datasheet HTML 44Page - NXP Semiconductors SL2S3003TT Datasheet HTML 45Page - NXP Semiconductors SL2S3003TT Datasheet HTML 46Page - NXP Semiconductors SL2S3003TT Datasheet HTML 47Page - NXP Semiconductors SL2S3003TT Datasheet HTML 48Page - NXP Semiconductors SL2S3003TT Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
8.5.3.7 LOCK PAGE PROTECTION CONDITION
Command code = B7h
The LOCK PAGE PROTECTION CONDITION command locks the protection pointer address and the status
of the page protection conditions. The Read and Write passwords must be transmitted first with the SET
PASSWORD command.
The timing of the command is write alike.
Also, setting the OTP_PPC_LOCK bit to 1 with a WRITE CONFIG command to block 27 of the configuration
memory can lock the protection pointer address and the status of the page protection conditions. See Table 9
and Table 24.
Note: Lock the Page Protection condition at the end of the initialization of the IC (recommendation).
SOF
Flags
LOCK PAGE PRO
TECTION
CONDITION
IC Mfg code UID
Protection
pointer
address
CRC16
EOF
-
8 bits
8 bits
8 bits
64 bits
optional
8 bits
16 bits
-
Table 72. LOCK PAGE PROTECTION CONDITION request format
Note: If the transmitted protection pointer address does not match the stored address, the label responds
according to the error handling (see Section 8.6 "Error handling").
SOF
Flags
Error code
CRC16
EOF
-
8 bits
8 bits
16 bits
-
Table 73. LOCK PAGE PROTECTION CONDITION response format when Error_flag set
SOF
Flags
CRC16
EOF
-
8 bits
16 bits
-
Table 74. LOCK PAGE PROTECTION CONDITION response format when Error_flag NOT set
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
45 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com