Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003TT Datasheet(PDF) 72 Page - NXP Semiconductors

Part # SL2S3003TT
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003TT Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button SL2S3003TT Datasheet HTML 68Page - NXP Semiconductors SL2S3003TT Datasheet HTML 69Page - NXP Semiconductors SL2S3003TT Datasheet HTML 70Page - NXP Semiconductors SL2S3003TT Datasheet HTML 71Page - NXP Semiconductors SL2S3003TT Datasheet HTML 72Page - NXP Semiconductors SL2S3003TT Datasheet HTML 73Page - NXP Semiconductors SL2S3003TT Datasheet HTML 74Page - NXP Semiconductors SL2S3003TT Datasheet HTML 75Page - NXP Semiconductors SL2S3003TT Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
10 Characteristics
10.1 Wafer memory characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tret
retention time
Tamb ≤ 55 °C
50
-
-
year
Nendu(W)
write endurance
—
100000
-
-
cycle
Table 137. Wafer EEPROM characteristics
10.2 Interface characteristics
Typical ratings are not guaranteed. The values listed are at room temperature.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fi
input frequency
[1] 13.553
13.56
13.567
MHz
Vi(RMS)min
minimum RMS input voltage
operating read/
write
1.1
-
1.3
V
Pi(min)
minimum input power
operating
[2] -
40
-
μW
Ci
center input capacitance
between LA
and LB
[3] 22.3
23.5
24.7
pF
Cadjust
adjust input capacitance
between LA
and LB
[3] -
± 1.5
-
pF
tpersist
persistent time
Tamb ≤ 55 ° C
[4] 2
-
-
s
Ron
resistance tag taper closed (for SL2S3003TT
only)
between DP
and GND
-
-
50
Ω
Roff
resistance tag taper open (for SL2S3003TT
only)
between DP
and GND
1 M
-
-
Ω
Table 138. Interface characteristics
1. Bandwidth limitation (± 7 kHz) according to ISM band regulations.
2. Including losses in the resonant capacitor and rectifier.
3. Measured with an HP4285A LCR meter at 13.56 MHz and 1.1 V RMS.
4. The maximum persistent time strongly depends on the ambient temperature.
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
72 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com