Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003TT Datasheet(PDF) 73 Page - NXP Semiconductors

Part # SL2S3003TT
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003TT Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button SL2S3003TT Datasheet HTML 69Page - NXP Semiconductors SL2S3003TT Datasheet HTML 70Page - NXP Semiconductors SL2S3003TT Datasheet HTML 71Page - NXP Semiconductors SL2S3003TT Datasheet HTML 72Page - NXP Semiconductors SL2S3003TT Datasheet HTML 73Page - NXP Semiconductors SL2S3003TT Datasheet HTML 74Page - NXP Semiconductors SL2S3003TT Datasheet HTML 75Page - NXP Semiconductors SL2S3003TT Datasheet HTML 76Page - NXP Semiconductors SL2S3003TT Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
11 Bare die outline
not to scale!
(1)
(7)
(2)
(8)
(6)
(4)
(3)
Y
X
GND
LA
LB
DP
(5)
(1) X-scribe line width: 35 μm
(2) Y-scribe line width: 35 μm
(3) Chip step, X-length: 675 μm
(4) Chip step, Y-length: 635 μm
(5) Bump to bump distance X (LA - LB): 530 μm
(6) Bump to bump distance Y (LB - GND): 452.2 μm
(7) Distance GND bump to nitride edge X: 55 μm
(8) Distance GND bump to nitride edge Y: 55 μm
Bump size LA and LB (X × Y): 80 μm × 80 μm
Bump size DP and GND (X × Y): 80 μm × 80 μm
Figure 5. Wafer SL2S3003/SL2S3003TT bare die layout
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
73 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com