Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3003TT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SL2S3003TT
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003TT Datasheet(HTML) 1 Page - NXP Semiconductors

  SL2S3003TT Datasheet HTML 1Page - NXP Semiconductors SL2S3003TT Datasheet HTML 2Page - NXP Semiconductors SL2S3003TT Datasheet HTML 3Page - NXP Semiconductors SL2S3003TT Datasheet HTML 4Page - NXP Semiconductors SL2S3003TT Datasheet HTML 5Page - NXP Semiconductors SL2S3003TT Datasheet HTML 6Page - NXP Semiconductors SL2S3003TT Datasheet HTML 7Page - NXP Semiconductors SL2S3003TT Datasheet HTML 8Page - NXP Semiconductors SL2S3003TT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
Rev. 3.0 — 28 March 2024
Product data sheet
1 General description
ICODE 3 is the next generation of the ICODE product family of 13.56 MHz based vicinity label ICs. ICODE 3
overcomes some known challenges in RFID solution design and industrialization process. ICODE 3 combines
native NFC features with the increased read range of ISO/IEC 15693-based tags. SL2S3003TT is the ICODE 3
version with TagTamper feature, and SL2S3003 is the version without TagTamper.
Fully backward-compatible with SLIX 2, the ICODE 3 supports improved performance and new features:
• SELFAdjust
• Fast read with up to 212 kbit/s
• Configurable 24-bit counter
• ASCII mirror feature option
• One-shot read-only memory lock
• Extra configuration memory with optional password protection
• Programmable originality signature with 32 bytes or 48 bytes
• 2.4 kbit user memory size
• Flexible user memory segmentation with separate access conditions
• TagTamper feature with current and stored status (only SL2S3003TT)


Similar Part No. - SL2S3003TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL2S3103 NXP-SL2S3103 Datasheet
671Kb / 80P
ICODE 3 97pF
Rev. 3.1 - 29 May 2024
SL2S3103FUD NXP-SL2S3103FUD Datasheet
671Kb / 80P
ICODE 3 97pF
Rev. 3.1 - 29 May 2024
More results

Similar Description - SL2S3003TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL2S2002 NXP-SL2S2002 Datasheet
108Kb / 13P
ICODE SLIX a product family of smart label ICs
Rev. 3.2-10 January 2011
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
SL2S1402 NXP-SL2S1402 Datasheet
314Kb / 33P
ICODE ILT
Rev. 3.3-15 October 2019
SL2S1412 NXP-SL2S1412 Datasheet
321Kb / 34P
ICODE ILT-M
Rev. 3.3-15 October 2019
SL2S2602 NXP-SL2S2602 Datasheet
491Kb / 55P
ICODE SLIX2
Rev. 4.1-25 July 2017
SL2S5002 NXP-SL2S5002 Datasheet
169Kb / 35P
ICODE SLIX-L
Rev. 3.4-27 August 2012
SL2S5302 NXP-SL2S5302 Datasheet
173Kb / 35P
ICODE SLIX-S
Rev. 3.2-27 August 2012
SLRC400 NXP-SLRC400 Datasheet
759Kb / 101P
ICODE reader IC
Rev. 3.3-23 March 2010
SL2S6002 NXP-SL2S6002 Datasheet
218Kb / 14P
ICODE DNA
Rev. 3.0 ??16 June 2016
CLRM701 NXP-CLRM701 Datasheet
1Mb / 21P
Mifare® & ICODE contactless reader module
Rev. 3.2 - 24 May 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com