Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-1/PCBZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD9516-1/PCBZ
Description  14-Output Clock Generator with Integrated 2.5 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-1/PCBZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9516-1/PCBZ Datasheet HTML 32Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 33Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 34Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 35Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 36Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 37Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 38Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 39Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 84 page
background image
AD9516-1
Rev. 0 | Page 36 of 84
When A = 0, the divide is a fixed divide of P = 2, 4, 8, 16, or 32,
in which case the previous equation also applies.
By using combinations of DM and FD modes, the AD9516 can
achieve values of N all the way down to N = 1. Table 28 shows
how a 10 MHz reference input may be locked to any integer
multiple of N.
Note that the same value of N may be derived in different ways,
as illustrated by the case of N = 12. The user may choose a fixed
divide mode P = 2 with B = 6, or use the dual modulus mode
2/3 with A = 0, B = 6, or use the dual modulus mode 4/5 with
A = 0, B = 3.
A and B Counters
The AD9516 B counter can be bypassed (B = 1). This B counter
bypass mode is only valid when using the prescaler in FD mode.
When A = 0, the divide is a fixed divide of P = 2, 4, 8, 16, or 32.
Unlike the R-counter, an A = 0 is actually a zero. The B counter
must be ≥3 or bypassed.
The maximum input frequency to the A/B counter is reflected
in the maximum prescaler output frequency (~300 MHz)
specified in Table 2. This is the prescaler input frequency (VCO
or CLK) divided by P.
Although manual reset is not normally required, the A/B counters
have their own reset bit. A and B counters can be reset using the
shared reset bit of the R, A, and B counters. They may also be
reset through a SYNC operation.
R, A, and B Counters: SYNC Pin Reset
The R, A and B counters may also be reset simultaneously
through the SYNC pin. This function is controlled by 0x19<7:6>
(see Table 53). The SYNC pin reset is disabled by default.
R and N Divider Delays
Both the R and N dividers feature a programmable delay cell.
These delays may be enabled to allow adjustment of the phase
relationship between the PLL reference clock and the VCO or
CLK. Each delay is controlled by three bits. The total delay
range is about 1 ns. See 0x19 in Table 53.
Table 28. How a 10 MHz Reference Input May Be Locked to Any Integer Multiple of N
FREF
R
P
A
B
N
FVCO
Mode
Notes
10
1
1
X
1
1
10
FD
P = 1, B = 1 (bypassed)
10
1
2
X
1
2
20
FD
P = 2, B = 1 (bypassed)
10
1
1
X
3
3
30
FD
P = 1, B = 3
10
1
1
X
4
4
40
FD
P = 1, B = 4
10
1
1
X
5
5
50
FD
P = 1, B = 5
10
1
2
X
3
6
60
FD
P = 2, B = 3
10
1
2
0
3
6
60
DM
P and P + 1 = 2 and 3, A = 0, B = 3
10
1
2
1
3
7
70
DM
P and P + 1 = 2 and 3, A = 1, B = 3
10
1
2
2
3
8
80
DM
P and P + 1 = 2 and 3, A = 2, B = 3
10
1
2
1
4
9
90
DM
P and P + 1 = 2 and 3, A = 1, B = 4
10
1
2
X
5
10
100
FD
P = 2, B = 5
10
1
2
0
5
10
100
DM
P and P + 1 = 2 and 3, A = 0, B = 5
10
1
2
1
5
11
110
DM
P and P + 1 = 2 and 3, A = 1, B = 5
10
1
2
X
6
12
120
FD
P = 2, B = 6
10
1
2
0
6
12
120
DM
P and P + 1 = 2 and 3, A = 0, B = 6
10
1
4
0
3
12
120
DM
P and P + 1 = 4 and 5, A = 0, B = 3
10
1
4
1
3
13
130
DM
P and P + 1 = 4 and 5, A = 1, B = 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com