Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-1/PCBZ Datasheet(PDF) 48 Page - Analog Devices

Part # AD9516-1/PCBZ
Description  14-Output Clock Generator with Integrated 2.5 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-1/PCBZ Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9516-1/PCBZ Datasheet HTML 44Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 45Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 46Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 47Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 48Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 49Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 50Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 51Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 84 page
background image
AD9516-1
Rev. 0 | Page 48 of 84
Synchronization of the outputs is executed in several ways:
The most common way to execute the SYNC function is to use
the SYNC pin to do a manual synchronization of the outputs.
This requires a low-going signal on the SYNC pin, which is held
low and then released when synchronization is desired. The
timing of the SYNC operation is shown in Figure 55 (using
VCO divider) and Figure 56 (VCO divider not used). There is
an uncertainty of up to 1 cycle of the clock at the input to the
channel divider due to the asynchronous nature of the SYNC
signal with respect to the clock edges inside the AD9516. The
delay from the SYNC rising edge to the beginning of synchronized
output clocking is between 14 and 15 cycles of clock at the
channel divider input, plus either one cycle of the VCO divider
input (see Figure 55), or one cycle of the channel divider input
(see Figure 56), depending on whether the VCO divider is used.
Cycles are counted from the rising edge of the signal.
• The SYNC pin is forced low and then released (manual sync).
• By setting and then resetting any one of the following three
bits: the soft sync bit (0x230<0>), the soft reset bit (0x00<5>
[mirrored]), and the distribution power-down bit (0x230<1>).
• Synchronization of the outputs can be executed as part of the
chip power-up sequence.
• The RESET pin is forced low and then released (chip reset).
• The PD pin is forced low and then released (chip power down).
• Whenever a VCO calibration is completed, an internal SYNC
signal is automatically asserted at the beginning and released
upon the completion of a VCO calibration.
Another common way to execute the SYNC function is by
setting and resetting the soft sync bit at 0x230<0> (see Table 52
through Table 61 for details). Both setting and resetting of the
soft sync bit require an update all registers (0x232<0> = 1)
operation to take effect.
12
3
4
5
6
7
8
910
INPUT TO VCO DIVIDER
INPUT TO CHANNEL DIVIDER
OUTPUT OF
CHANNEL DIVIDER
SYNC PIN
1
11
12
13
14
14 TO 15 CYCLES AT CHANNEL DIVIDER INPUT + 1 CYCLE AT VCO DIVIDER INPUT
CHANNEL DIVIDER OUTPUT STATIC
CHANNEL DIVIDER
OUTPUT CLOCKING
CHANNEL DIVIDER
OUTPUT CLOCKING
Figure 55. SYNC Timing when VCO Divider Is Used—CLK or VCO Is Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com