Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-1/PCBZ Datasheet(PDF) 45 Page - Analog Devices

Part # AD9516-1/PCBZ
Description  14-Output Clock Generator with Integrated 2.5 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-1/PCBZ Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9516-1/PCBZ Datasheet HTML 41Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 42Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 43Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 44Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 45Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 46Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 47Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 48Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
AD9516-1
Rev. 0 | Page 45 of 84
By cascading the dividers, channel division up to 1024 can be
obtained. However, not all integer value divisions from 1 to
1024 are obtainable; only the values that are the product of the
separate divisions of the two dividers (DX.1 × DX.2) can be realized.
If only one divider is needed when using Divider 3 and Divider 4,
use the first one (X.1) and bypass the second one (X.2). Do not
bypass X.1 and use X.2.
Duty Cycle and Duty-Cycle Correction (Divider 3 and
Divider 4)
The same duty cycle and DCC considerations apply to Divider 3
and Divider 4 as to Divider 0, Divider 1, and Divider 2 (see
Duty Cycle and Duty-Cycle Correction (0, 1, and 2)); however,
with these channel dividers, the number of possible
configurations is even more complex.
Duty-cycle correction on Divider 3 and Divider 4 requires the
following channel divider conditions:
• An even D
X.Y
must be set with the MX.Y = NX.Y (low cycles =
high cycles).
• An odd D
X.Y
must be set as MX.Y = NX.Y + 1 (the number of
low cycles must be one greater than the number of high cycles).
• If only one divider is bypassed, it must be the second
divider, X.2.
• If only one divider has an even divide by, it must be the
second divider, X.2.
The possibilities for the duty cycle of the output clock from
Divider 3 and Divider 4 are shown in Table 40 through Table 44.
Table 40. Divider 3, Divider 4 Duty Cycle; VCO Divider
Used; Duty Cycle Correction Off (DCCOFF = 1)
DX.1
DX.2
VCO
Divider
NX.1 + MX.1 + 2
NX.2 + MX.2 + 2
Output Duty Cycle
Even
1
1
50%
Odd = 3
1
1
33.3%
Odd = 5
1
1
40%
Even
Even, Odd
1
(NX.1 + 1)/
(NX.1 + MX.1 + 2)
Odd
Even, Odd
1
(NX.1 + 1)/
(NX.1 + MX.1 + 2)
Even
Even, Odd
Even, Odd
(NX.2 + 1)/
(NX.2 + MX.2 + 2)
Odd
Even, Odd
Even, Odd
(NX.2 + 1)/
(NX.2 + MX.2 + 2)
Table 41. Divider 3, Divider 4 Duty Cycle; VCO Divider Not
Used; Duty Cycle Correction Off (DCCOFF = 1)
DX.1
DX.2
Input Clock
Duty Cycle
NX.1 + MX.1 + 2
NX.2 + MX.2 + 2
Output
Duty Cycle
50%
1
1
50%
X%
1
1
X%
50%
Even, Odd
1
(NX.1 + 1)/
(NX.1 + MX.1 + 2)
X%
Even, Odd
1
(NX.1 + 1)/
(NX.1 + MX.1 + 2)
50%
Even, Odd
Even, Odd
(NX.2 + 1)/
(NX.2 + MX.2 + 2)
X%
Even, Odd
Even, Odd
(NX.2 + 1)/
(NX.2 + MX.2 + 2)
Table 42. Divider 3, Divider 4 Duty Cycle; VCO Divider
Used; Duty Cycle Correction Is On (DCCOFF = 0); VCO
Divider Input Duty Cycle = 50%
DX.1
DX.2
VCO
Divider
NX.1 + MX.1 + 2
NX.2 + MX.2 + 2
Output
Duty Cycle
Even
1
1
50%
Odd
1
1
50%
Even
Even (NX.1 = MX.1)
1
50%
Odd
Even (NX.1 = MX.1)
1
50%
Even
Odd (MX.1 = NX.1 + 1)
1
50%
Odd
Odd (MX.1 = NX.1 + 1)
1
50%
Even
Even (NX.1 = MX.1)
Even (NX.2 = MX.2)
50%
Odd
Even (NX.1 = MX.1)
Even (NX.2 = MX.2)
50%
Even
Odd (MX.1 = NX.1 + 1)
Even (NX.2 = MX.2)
50%
Odd
Odd (MX.1 = NX.1 + 1)
Even (NX.2 = MX.2)
50%
Even
Odd (MX.1 = NX.1 + 1)
Odd (MX.2 = NX.2 + 1)
50%
Odd
Odd (MX.1 = NX.1 + 1)
Odd (MX.2 = NX.2 + 1)
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com