Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-1/PCBZ Datasheet(PDF) 77 Page - Analog Devices

Part # AD9516-1/PCBZ
Description  14-Output Clock Generator with Integrated 2.5 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-1/PCBZ Datasheet(HTML) 77 Page - Analog Devices

Back Button AD9516-1/PCBZ Datasheet HTML 73Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 74Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 75Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 76Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 77Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 78Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 79Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 80Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 84 page
background image
AD9516-1
Rev. 0 | Page 77 of 84
Reg.
Addr
(Hex)
Bit(s)
Name
Description
1A1
<5>
Bypass Divider 4.2
Bypass (and power-down) 4.2 divider logic, route clock to 4.2 output.
<5> = 0; do not bypass.
<5> = 1; bypass.
1A1
<4>
Bypass Divider 4.1
Bypass (and power-down) 4.1 divider logic, route clock to 4.1 output.
<4> = 0; do not bypass.
<4> = 1; bypass.
1A1
<3>
Divider 4 Nosync
Nosync.
<3> = 0; obey chip-level SYNC signal.
<3> = 1; ignore chip-level SYNC signal.
1A1
<2>
Divider 4 Force High
Force Divider 4 output high. Requires that nosync also be set.
<2> = 0; force low.
<2> = 1; force high.
1A1
<1>
Start High Divider 4.2
Divider 4.2 start high/low.
<1> = 0; start low.
<1> = 1; start high.
1A1
<0>
Start High Divider 4.1
Divider 4.1 start high/low.
<0> = 0; s tart low.
<0> = 1; start high.
1A2
<0>
Divider 4 DCCOFF
Duty-cycle correction function.
<0> = 0; enable duty-cycle correction.
<0> = 1; disable duty-cycle correction.
Table 59. VCO Divider and CLK Input
Reg.
Addr
(Hex) Bit(s) Name
Description
1E0
<2:0> VCO Divider
<2>
<1>
<0>
Divide
0
0
0
2
0
0
1
3
0
1
0
4
0
1
1
5
1
0
0
6
1
0
1
Output static
1
1
0
Output static
1
1
1
Output static
1E1
<4>
Power-Down Clock Input Section Power down the clock input section (including CLK buffer, VCO divider, and CLK tree).
<4> = 0; normal operation.
<4> = 1; power-down.
1E1
<3>
Power-Down VCO Clock Interface Power down the interface block between VCO and clock distribution.
<3> = 0; normal operation.
<3> = 1; power-down.
1E1
<2>
Power-Down VCO and CLK
Power down both VCO and CLK input.
<2> = 0; normal operation.
<2> = 1; power-down.
1E1
<1>
Select VCO or CLK
Select either the VCO or the CLK as the input to VCO divider.
<1> = 0; Select external CLK as input to VCO divider.
<1> = 1; Select VCO as input to VCO divider; cannot bypass VCO divider when this is selected.
1E1
<0>
Bypass VCO Divider
Bypass or use the VCO divider.
<0> = 0; use VCO divider.
<0> = 1; bypass VCO divider; cannot select VCO as input when this is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com