Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-1/PCBZ Datasheet(PDF) 46 Page - Analog Devices

Part # AD9516-1/PCBZ
Description  14-Output Clock Generator with Integrated 2.5 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-1/PCBZ Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9516-1/PCBZ Datasheet HTML 42Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 43Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 44Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 45Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 46Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 47Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 48Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 49Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 84 page
background image
AD9516-1
Rev. 0 | Page 46 of 84
Table 43. Divider 3, Divider 4 Duty Cycle; VCO Divider
Used; Duty Cycle Correction On (DCCOFF = 0); VCO
Divider Input Duty Cycle = X%
DX.1
DX.2
VCO
Divider
NX.1 + MX.1 + 2
NX.2 + MX.2 + 2
Output
Duty Cycle
Even
1
1
50%
Odd = 3
1
1
(1 + X%)/3
Odd = 5
1
1
(2 + X%)/5
Even
Even
(NX.1 = MX.1)
1
50%
Odd
Even
(NX.1 = MX.1)
1
50%
Even
Odd
(MX.1 = NX.1 + 1)
1
50%
Odd = 3
Odd
(MX.1 = NX.1 + 1)
1
(3NX.1 + 4 + X%)/
(6NX.1 + 9)
Odd = 5
Odd
(MX.1 = NX.1 + 1)
1
(5NX.1 + 7 + X%)/
(10NX.1 + 15)
Even
Even
(NX.1 = MX.1)
Even
(NX.2 = MX.2)
50%
Odd
Even
(NX.1 = MX.1)
Even
(NX.2 = MX.2)
50%
Even
Odd
(MX.1 = NX.1 + 1)
Even
(NX.2 = MX.2)
50%
Odd
Odd
(MX.1 = NX.1 + 1)
Even
(NX.2 = MX.2)
50%
Even
Odd
(MX.1 = NX.1 + 1)
Odd
(MX.2 = NX.2 + 1)
50%
Odd = 3
Odd
(MX.1 = NX.1 + 1)
Odd
(MX.2 = NX.2 + 1)
(6NX.1NX.2 + 9NX.1 +
9NX.2 + 13 + X%)/
(3(2NX.1 + 3)
(2NX.2 + 3))
Odd = 5
Odd
(MX.1 = NX.1 + 1)
Odd
(MX.2 = NX.2 + 1)
(10NX.1NX.2+ 15NX.1 +
15NX.2 + 22 + X%)/
(5(2 NX.1 + 3)
(2 NX.2 + 3))
Table 44. Divider 3, Divider 4 Duty Cycle; VCO Divider Not
Used; Duty Cycle Correction On (DCCOFF = 0)
DX.1
DX.2
Input
Clock
Duty
Cycle
NX.1 + MX.1 + 2
NX.2 + MX.2 + 2
Output
Duty Cycle
50%
1
1
50%
50%
Even
(NX.1 = MX.1)
1
50%
X%
1
1
X% (High)
X%
Even
(NX.1 = MX.1)
1
50%
50%
Odd
(MX.1 = NX.1 + 1)
1
50%
Odd
(MX.1 = NX.1 + 1)
1
(NX.1 + 1 + X%)/
(2NX.1 + 3)
X%
Odd
(MX.1 = NX.1 + 1)
1
(NX.1 + 1 + X%)/
(2NX.1 + 3)
50%
Even
(NX.1 = MX.1)
Even
(NX.2 = MX.2)
50%
X%
Even
(NX.1 = MX.1)
Even
(NX.2 = MX.2)
50%
50%
Odd
(MX.1 = NX.1 + 1)
Even
(NX.2 = MX.2)
50%
X%
Odd
(MX.1 = NX.1 + 1)
Even
(NX.2 = MX.2)
50%
50%
Odd
(MX.1 = NX.1 + 1)
Odd
(MX.2 = NX.2 + 1)
50%
X%
Odd
(MX.1 = NX.1 + 1)
Odd
(MX.2 = NX.2 + 1)
(2NX.1NX.2 + 3NX.1 +
3NX.2 + 4 + X%)/
((2NX.1 + 3)(2NX.2 + 3))
Phase Offset or Coarse Time Delay (Divider 3 and Divider 4)
Divider 3 and Divider 4 can be set to have a phase offset or
delay. The phase offset is set by a combination of the bits in the
phase offset and start high registers (see Table 45).
Table 45. Setting Phase Offset and Division for Divider 3 and
Divider 4
Divider
Start
High (SH)
Phase
Offset (PO)
Low
Cycles M
High
Cycles N
3
3.1
0x19C<0>
0x19A<3:0>
0x199<7:4>
0x199<3:0>
3.2
0x19C<1>
0x19A<7:4>
0x19B<7:4>
0x19B<3:0>
4
4.1
0x1A1<0>
0x19F<3:0>
0x19E<7:4>
0x19E<3:0>
4.2
0x1A1<1>
0x19F<7:4>
0x1A0<7:4>
0x1A0<3:0>
Let Δt = delay (in seconds).
Φx.y = 16 × SH<0> + 8 × PO<3> + 4 × PO<2> + 2 × PO<1> +
1 × PO<0>.
TX.1 = period of the clock signal at the input to DX.1 (in seconds).
TX.2 = period of the clock signal at the input to DX.2 (in seconds).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com