Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-1/PCBZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD9516-1/PCBZ
Description  14-Output Clock Generator with Integrated 2.5 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-1/PCBZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9516-1/PCBZ Datasheet HTML 43Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 44Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 45Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 46Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 47Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 48Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 49Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 50Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 84 page
background image
AD9516-1
Rev. 0 | Page 47 of 84
Case 1
When Φx.1 ≤ 15 and Φx.2 ≤ 15:
Δt = Φx.1 × TX.1 + ΦX.2 × Tx.2
Case 2
When Φx.1 ≤ 15 and Φx.2 ≥ 16:
Δt = ΦX.1 × TX.1 + (ΦX.2 − 16 + MX.2 + 1) × TX.2
Case 3
When ΦX.1 ≥ 16 and ΦX.2 ≤ 15:
Δt = (ΦX.1 − 16 + MX.1 + 1) × TX.1 + ΦX.2 × TX.2
Case 4
When ΦX.1 ≥ 16 and ΦX.2 ≥ 16:
Δt =
(ΦX.1 − 16 + MX.1 + 1) × TX.1 + (ΦX.2 − 16 + MX.2 + 1) × TX.2
Fine Delay Adjust (Divider 3 and Divider 4)
Each AD9516 LVDS/CMOS output (OUT6 to OUT9) includes
an analog delay element that can be programmed to give
variable time delays (Δt) in the clock signal at that output.
DIVIDER
X.2
DIVIDER
X.1
ΔT
OUTM
OUTM
BYPASS
FINE DELAY
ADJUST
CMOS
LVDS
CMOS
ΔT
OUTN
OUTN
BYPASS
FINE DELAY
ADJUST
CMOS
LVDS
CMOS
OUTPUT
DRIVERS
CLK
VCO
DIVIDER
Figure 54. Fine Delay (OUT6 to OUT9)
The amount of delay applied to the clock signal is determined
by programming four registers per output (see Table 46).
Table 46. Setting Analog Fine Delays
OUTPUT
(LVDS/CMOS)
Ramp
Capacitors
Ramp
Current
Delay
Fraction
Delay
Bypass
OUT6
0xA1<5:3>
0xA1<2:0>
0xA2<5:0>
0xA0<0>
OUT7
0xA4<5:3>
0xA4<2:0>
0xA5<5:0>
0xA3<0>
OUT8
0xA7<5:3>
0xA7<2:0>
0xA8<5:0>
0xA6<0>
OUT9
0xAA<5:3>
0xAA<2:0>
0xAB<5:0>
0xA9<0>
Calculating the Fine Delay
The following values and equations are used to calculate the
delay of the delay block.
IRAMP (μA) = 200 × (Ramp Current + 1)
Number of Capacitors = Number of <Bits> =
0 in Ramp Capacitors + 1
Example: 101 = 1 + 1 = 2; 110 = 1 + 1 = 2; 100 = 2 + 1 = 3;
001 = 2 + 1 = 3; 111 = 0 + 1 = 1.
Delay Range (ns) = 200 × ((No. of Caps + 3)/(IRAMP)) × 1.3286
()
()
6
1
10
1600
0.34
ns
4
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
+
×
−
+
=
−
RAMP
RAMP
I
Caps
of
No.
I
Offset
Delay Full Scale (ns) = Delay Range + Offset
Fine Delay (ns) =
Delay Range × Delay Fraction × (1/63) + Offset
Note that only delay fraction values up to 47 decimal (101111b;
0x2F) are supported.
In no case can the fine delay exceed one-half of the output clock
period. If a delay longer than half of the clock period is attempted,
the output stops clocking.
The delay function adds some jitter greater than that specified
for the nondelayed output. This means that the delay function
should be used primarily for clocking digital chips, such as
FPGA, ASIC, DUC, and DDC. An output with this delay
enabled may not be suitable for clocking data converters. The
jitter is higher for long full scales because the delay block uses a
ramp and trip points to create the variable delay. A slower ramp
time produces more time jitter.
Synchronizing the Outputs—SYNC Function
The AD9516 clock outputs can be synchronized to each other.
Outputs can be individually excluded from synchronization.
Synchronization consists of setting the nonexcluded outputs to
a preset set of static conditions and subsequently releasing these
outputs to continue clocking at the same instant with the preset
conditions applied. This allows for the alignment of the edges of
two or more outputs or for the spacing of edges according to the
coarse phase offset settings for two or more outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com