Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-1/PCBZ Datasheet(PDF) 75 Page - Analog Devices

Part # AD9516-1/PCBZ
Description  14-Output Clock Generator with Integrated 2.5 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-1/PCBZ Datasheet(HTML) 75 Page - Analog Devices

Back Button AD9516-1/PCBZ Datasheet HTML 71Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 72Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 73Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 74Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 75Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 76Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 77Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 78Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 84 page
background image
AD9516-1
Rev. 0 | Page 75 of 84
Reg.
Addr
(Hex) Bit(s) Name
Description
192
<1>
Divider 0 Direct to Output
Connect OUT0 and OUT1 to Divider 0 or directly to VCO or CLK.
<1> = 0: OUT0 and OUT1 are connected to Divider 0.
<1> = 1:
If 0x1E1<1:0> = 10b, the VCO is routed directly to OUT0 and OUT1.
If 0x1E1<1:0> = 00b, the CLK is routed directly to OUT0 and OUT1.
If 0x1E1<1:0> = 01b, there is no effect.
192
<0>
Divider 0 DCCOFF
Duty-cycle correction function.
<0> = 0; enable duty-cycle correction.
<0> = 1; disable duty-cycle correction.
193
<7:4> Divider 1 Low Cycles
Number of clock cycles of the divider input during which divider output stays low.
193
<3:0> Divider 1 High Cycles
Number of clock cycles of the divider input during which divider output stays high.
194
<7>
Divider 1 Bypass
Bypass and power-down the divider; route input to divider output.
<7> = 0; use divider.
<7> = 1; bypass divider.
194
<6>
Divider 1 Nosync
Nosync.
<6> = 0; obey chip-level SYNC signal.
<6> = 1; ignore chip-level SYNC signal.
194
<5>
Divider 1 Force High
Force divider output to high. This requires that nosync also be set.
<5> = 0; divider output forced to low.
<5> = 1; divider output forced to high.
194
<4>
Divider 1 Start High
Selects clock output to start high or start low.
<4> = 0; start low.
<4> = 1; start high.
194
<3:0> Divider 1 Phase Offset
Phase offset.
195
<1>
Divider 1 Direct to Output
Connect OUT2 and OUT3 to Divider 1 or directly to VCO or CLK.
<1> = 0; OUT2 and OUT3 are connected to Divider 1.
<1> = 1:
If 0x1E1<1:0> = 10b, the VCO is routed directly to OUT2 and OUT3.
If 0x1E1<1:0> = 00b, the CLK is routed directly to OUT2 and OUT3.
If 0x1E1<1:0> = 01b, there is no effect.
195
<0>
Divider 1 DCCOFF
Duty-cycle correction function.
<0> = 0; enable duty-cycle correction.
<0> = 1; disable duty-cycle correction.
196
<7:4> Divider 2 Low Cycles
Number of clock cycles of the divider input during which divider output stays low.
196
<3:0> Divider 2 High Cycles
Number of clock cycles of the divider input during which divider output stays high.
197
<7>
Divider 2 Bypass
Bypass and power-down the divider; route input to divider output.
<7> = 0; use divider.
<7> = 1; bypass divider.
197
<6>
Divider 2 Nosync
Nosync.
<6> = 0; obey chip-level SYNC signal.
<6> = 1; ignore chip-level SYNC signal.
197
<5>
Divider 2 Force High
Force divider output to high. This requires that nosync also be set.
<5> = 0; divider output forced to low.
<5> = 1; divider output forced to high.
197
<4>
Divider 2 Start High
Selects clock output to start high or start low.
<4> = 0; start low.
<4> = 1; start high.
197
<3:0> Divider 2 Phase Offset
Phase offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com