Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-1/PCBZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD9516-1/PCBZ
Description  14-Output Clock Generator with Integrated 2.5 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-1/PCBZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9516-1/PCBZ Datasheet HTML 45Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 46Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 47Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 48Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 49Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 50Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 51Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 52Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
AD9516-1
Rev. 0 | Page 49 of 84
INPUT TO CLK
IINPUT TO CHANNEL DIVIDER
OUTPUT OF
CHANNEL DIVIDER
SYNC PIN
14 TO 15 CYCLES AT CHANNEL DIVIDER INPUT + 1 CYCLE AT CLK INPUT
12
3
4
5
6
7
8
910
11
12
13
14
1
CHANNEL DIVIDER OUTPUT STATIC
CHANNEL DIVIDER
OUTPUT CLOCKING
CHANNEL DIVIDER
OUTPUT CLOCKING
Figure 56. SYNC Timing when VCO Divider Is Not Used—CLK Input Only
A SYNC operation brings all outputs that have not been
excluded (by the NOSYNC bit) to a preset condition before
allowing the outputs to begin clocking in synchronicity. The
preset condition takes into account the settings in each of the
channel’s start high bit and its phase offset. These settings
govern both the static state of each output when the SYNC
operation is happening and the state and relative phase of the
outputs when they begin clocking again upon completion of the
SYNC operation. Between outputs and after synchronization,
this allows for the setting of phase offsets.
The AD9516 outputs are in pairs, sharing a channel divider per
pair (two pairs of pairs, four outputs, in the case of CMOS). The
synchronization conditions apply to both outputs of a pair.
Each channel (a divider and its outputs) can be excluded from
any SYNC operation by setting the NOSYNC bit of the channel.
Channels that are set to ignore SYNC (excluded channels) do
not set their outputs static during a SYNC operation, and their
outputs are not synchronized with those of the nonexcluded
channels.
Clock Outputs
The AD9516 offers three different output level choices:
LVPECL, LVDS, and CMOS. OUT0 to OUT5 are LVPECL
differential outputs; and OUT6 to OUT9 are LVDS/CMOS
outputs. These outputs can be configured as either LVDS
differential or as pairs of single-ended CMOS outputs.
LVPECL Outputs: OUT0 to OUT5
The LVPECL differential voltage (VOD) is selectable (from
~400 mV to ~960 mV, see 0xF0:0xF5<3:2>. The LVPECL
outputs have dedicated pins for power supply (VS_LVPECL),
allowing for a separate power supply to be used. VS_LVPECL can be
from 2.5 V to 3.3 V.
The LVPECL output polarity can be set as noninverting or
inverting, which allows for the adjustment of the relative
polarity of outputs within an application without requiring a
board layout change. Each LVPECL output can be powered
down or powered up as needed. Because of the architecture of
the LVPECL output stages, there is the possibility of electrical
overstress and breakdown under certain power-down conditions.
For this reason, the LVPECL outputs have several power-down
modes. This includes a safe power-down mode that continues
to protect the output devices while powered down, although it
consumes somewhat more power than a total power-down. If
the LVPECL output pins are terminated, it is best to select the
safe power-down mode. If the pins are not connected (unused),
it is acceptable to use the total power-down mode.
GND
3.3V
OUT
OUT
Figure 57. LVPECL Output Simplified Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com