Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-1/PCBZ Datasheet(PDF) 76 Page - Analog Devices

Part # AD9516-1/PCBZ
Description  14-Output Clock Generator with Integrated 2.5 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-1/PCBZ Datasheet(HTML) 76 Page - Analog Devices

Back Button AD9516-1/PCBZ Datasheet HTML 72Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 73Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 74Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 75Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 76Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 77Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 78Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 79Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 84 page
background image
AD9516-1
Rev. 0 | Page 76 of 84
Reg.
Addr
(Hex) Bit(s) Name
Description
198
<1>
Divider 2 Direct to Output
Connect OUT4 and OUT5 to Divider 2 or directly to VCO or CLK.
<1> = 0; OUT4 and OUT5 are connected to Divider 2.
<1> = 1:
If 0x1E1<1:0> = 10b, the VCO is routed directly to OUT4 and OUT5.
If 0x1E1<1:0> = 00b, the CLK is routed directly to OUT4 and OUT5.
If 0x1E1<1:0> = 01b, there is no effect.
198
<0>
Divider 2 DCCOFF
Duty-cycle correction function.
<0> = 0; enable duty-cycle correction.
<0> = 1; disable duty-cycle correction.
Table 58. LVDS/CMOS Channel Dividers
Reg.
Addr
(Hex)
Bit(s)
Name
Description
199
<7:4>
Low Cycles Divider 3.1
Number of clock cycles of 3.1 divider input during which 3.1 output stays low.
199
<3:0>
High Cycles Divider 3.1
Number of clock cycles of 3.1 divider input during which 3.1 output stays high.
19A
<7:4>
Phase Offset Divider 3.2
Refer to LVDSCMOS channel divider function description.
19A
<3:0>
Phase Offset Divider 3.1
Refer to LVDSCMOS channel divider function description.
19B
<7:4>
Low Cycles Divider 3.2
Number of clock cycles of 3.2 divider input during which 3.2 output stays low.
19B
<3:0>
High Cycles Divider 3.2
Number of clock cycles of 3.2 divider input during which 3.2 output stays high.
19C
<5>
Bypass Divider 3.2
Bypass (and power-down) 3.2 divider logic, route clock to 3.2 output.
<5> = 0; do not bypass.
<5> = 1; bypass.
19C
<4>
Bypass Divider 3.1
Bypass (and power-down) 3.1 divider logic, route clock to 3.1 output.
<4> = 0; do not bypass.
<4> = 1; bypass.
19C
<3>
Divider 3 Nosync
Nosync.
<3> = 0; obey chip-level SYNC signal.
<3> = 1; ignore chip-level SYNC signal.
19C
<2>
Divider 3 Force High
Force Divider 3 output high. Requires that nosync also be set.
<2> = 0; force low.
<2> = 1; force high.
19C
<1>
Start High Divider 3.2
Divider 3.2 start high/low.
<1> = 0; start low.
<1> = 1; start high.
19C
<0>
Start High Divider 3.1
Divider 3.1 start high/low.
<0> = 0; start low.
<0> = 1; start high.
19D
<0>
Divider 3 DCCOFF
Duty-cycle correction function.
<0> = 0; enable duty-cycle correction.
<0> = 1; disable duty-cycle correction.
19E
<7:4>
Low Cycles Divider 4.1
Number of clock cycles of divider 4.1 input during which 4.1 output stays low.
19E
<3:0>
High Cycles Divider 4.1
Number of clock cycles of 4.1 divider input during which 4.1 output stays high.
19F
<7:4>
Phase Offset Divider 4.2
Refer to LVDSCMOS channel divider function description.
19F
<3:0>
Phase Offset Divider 4.1
Refer to LVDSCMOS channel divider function description.
1A0
<7:4>
Low Cycles Divider 4.2
Number of clock cycles of 4.2 divider input during which 4.2 output stays low.
1A0
<3:0>
High Cycles Divider 4.2
Number of clock cycles of 4.2 divider input during which 4.2 output stays high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com