Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-1/PCBZ Datasheet(PDF) 41 Page - Analog Devices

Part # AD9516-1/PCBZ
Description  14-Output Clock Generator with Integrated 2.5 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-1/PCBZ Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9516-1/PCBZ Datasheet HTML 37Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 38Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 39Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 40Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 41Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 42Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 43Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 44Page - Analog Devices AD9516-1/PCBZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
AD9516-1
Rev. 0 | Page 41 of 84
VCO calibration must be manually initiated. This allows for
flexibility in deciding what order to program registers and when
to initiate a calibration, instead of having it happen every time
certain PLL registers have their values change. For example, this
allows for the VCO frequency to be changed by small amounts
without having an automatic calibration occur each time (this
should be done with caution and only where the user knows the
VCO control voltage is not going to exceed the nominal best
performance limits, for example, a few 100 kHz steps are fine, a
few MHz might not be). Additionally, as the calibration
procedure results in rapid changes in the VCO frequency, the
distribution section is automatically placed in SYNC until the
calibration is finished. Therefore, this temporary loss of outputs
must be expected.
A VCO calibration should be initiated under the following
conditions:
• After changing any of the PLL R, P, B, and A divider settings,
or after a change in the PLL reference clock frequency. This,
in effect, means any time a PLL register or reference clock is
changed such that a different VCO frequency results.
• Whenever system calibration is desired. The VCO is designed
to operate properly over extremes of temperatures even when
first calibrated at the opposite extreme. However, a VCO
calibration can be initiated at any time, if desired.
CLOCK DISTRIBUTION
A clock channel consists of a pair (or double pair, in the case of
CMOS) of outputs that share a common divider. A clock output
consists of the drivers that connect to the output pins. The clock
outputs have either LVPECL or LVDS/CMOS signal levels at
the pins.
The AD9516 has five clock channels: three channels are
LVPECL (six outputs); two channels are LVDS/CMOS (up
to four LVDS outputs, or up to eight CMOS outputs).
Each channel has its own programmable divider that divides
the clock frequency applied to its input. The LVPECL channel
dividers contain a divider that can divide by any integer from
1 to 32. Each LVDS/CMOS channel divider contains two
cascaded dividers that can be set to divide by any integer from
1 to 32. The total division of the channel is the product of the
divide value of the two cascaded dividers. This allows divide
values of (1 to 32) × (1 to 32), or up to 1024 (notice that this is
not all values from 1 to 1024 but only the set of numbers that
are the product of the two dividers).
Because the internal VCO frequency is above the maximum
channel divider input frequency (1600 MHz), the VCO divider
must be used after the on-chip VCO. The VCO divider can be
set to divide by 2, 3, 4, 5, or 6. External clock signals connected
to the CLK input also require the VCO divider if the frequency
of the signal is greater than 1600 MHz.
The channel dividers allow for a selection of various duty cycles,
depending on the currently set division. That is, for any specific
division, D, the output of the divider can be set to high for
N + 1 input clock cycles and low for M + 1 input clock cycles
(where D = N + M + 2). For example, a divide-by-5 can be high
for one divider input cycle and low for four cycles, or a divide-
by-5 can be high for three divider input cycles and low for two
cycles. Other combinations are also possible.
The channel dividers include a duty-cycle correction function
that can be disabled. In contrast to the selectable duty cycle
just described, this function can correct a non-50% duty cycle
caused by an odd division. However, this requires that the
division be set by M = N + 1.
In addition, the channel dividers allow a coarse phase offset or
delay to be set. Depending on the division selected, the output
can be delayed by up to 31 input clock cycles. The divider
outputs can also be set to start high or start low.
Internal VCO or External CLK as Clock Source
The clock distribution of the AD9516 has two clock input
sources: internal VCO or an external clock connected to the
CLK/CLK pins. Either the internal VCO or CLK must be
chosen as the source of the clock signal to distribute. When the
internal VCO is selected as the source, the VCO divider must be
used. When CLK is selected as the source, it is not necessary to
use the VCO divider if the CLK frequency is less than the
maximum channel divider input frequency (1600 MHz);
otherwise, the VCO divider must be used to reduce the
frequency to one acceptable by the channel dividers. Table 30
shows how the VCO, CLK, and VCO divider are selected.
0x1E1<1:0> selects the channel divider source and determines
whether the VCO divider is used. It is not possible to select the
VCO without using the VCO divider.
Table 30. Selecting VCO or CLK as Source for Channel
Divider, and Whether VCO Divider Is Used
0x1E1
<1>
<0>
Channel Divider Source
VCO Divider
0
0
CLK
Used
0
1
CLK
Not used
1
0
VCO
Used
1
1
Not allowed
Not allowed
CLK or VCO Direct to LVPECL Outputs
It is possible to connect either the internal VCO or the CLK
(whichever is selected as the input to the VCO divider) directly
to the LVPECL outputs, OUT0 to OUT5. This configuration
can pass frequencies up to the maximum frequency of the VCO
directly to the LVPECL outputs. The LVPECL outputs may not
be able to provide full voltage swing at the highest frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com