Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 10Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 11Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 12Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 13Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 14Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 15Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 16Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 17Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 332 page
background image
xiv
List of Tables
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
Table 42. SMM Revision Identifier ...................................................222
Table 43. I/O Trap Doubleword Configuration ................................224
Table 44. I/O Trap Restart Slot .........................................................225
Table 45. Boundary Scan Bit Definitions .........................................233
Table 46. Device Identification Register .........................................234
Table 47. Supported Test Access Port (TAP) Instructions .............235
Table 48. DR7 LEN and RW Definitions ..........................................245
Table 49. Operating Ranges ..............................................................254
Table 50. Absolute Ratings ................................................................255
Table 51. DC Characteristics .............................................................256
Table 52. Typical and Maximum Power Dissipation
for OPN Suffix AMZ (Low-Power Devices) .....................258
Table 53. Typical and Maximum Power Dissipation
for OPN Suffix AFR (Standard-Power Devices) .............259
Table 54. Power Derating Specification for Standard-Power
Devices (AMD-K6-2E/233AFR and 266AFR) ..................260
Table 55. Power Derating Specification for Low-Power
Devices (AMD-K6-2E/233AMZ and 266AMZ) .................261
Table 56. CLK Switching Characteristics
for 100-MHz Bus Operation ...............................................268
Table 57. CLK Switching Characteristics
for 66-MHz Bus Operation .................................................268
Table 58. Output Delay Timings for 100-MHz Bus Operation ........270
Table 59. Input Setup and Hold Timings
for 100-MHz Bus Operation ...............................................272
Table 60. Output Delay Timings for 66-MHz Bus Operation ..........274
Table 61. Input Setup and Hold Timings for 66-MHz Bus Operation 276
Table 62. RESET and Configuration Signals
for 100-MHz Bus Operation ..............................................278
Table 63. RESET and Configuration Signals
for 66-MHz Bus Operation .................................................279
Table 64. TCK Waveform and TRST# Timing at 25 MHz ...............280
Table 65. Test Signal Timing at 25 MHz...........................................280
Table 66. Package Thermal Specification
for OPN Suffix AMZ (Low-Power Devices) .....................285
Table 67. Package Thermal Specification
for OPN Suffix AFR (Standard-Power Devices) .............285
Table 68. Passive Heatsink Samples.................................................289
Table 69. Socketed CPGA Package: Measured Thermal
Resistance (°C/W)
qJC and qCA .........................................291
Table 70. Socketed CPGA Package: Measured Maximum
Ambient Temperature (°C) ...............................................292
Table 71. Soldered CPGA Package: Measured Thermal
Resistance (°C/W)
qJC and qCA .........................................293
Table 72. Soldered CPGA Package: Measured Maximum
Ambient Temperature (°C) ...............................................294
Table 73. Valid Ordering Part Number Combinations ...................306



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com