Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 88 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 88 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 84Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 85Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 86Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 87Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 88Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 89Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 90Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 91Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 92Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 332 page
background image
70
Software Environment
Chapter 3
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
SBB reg8, mem8
1Ah
mm-xxx-xxx
vector
SBB reg16/32, mreg16/32
1Bh
11-xxx-xxx
vector
SBB reg16/32, mem16/32
1Bh
mm-xxx-xxx
vector
SBB AL, imm8
1Ch
vector
SBB EAX, imm16/32
1Dh
vector
SBB mreg8, imm8
80h
11-011-xxx
vector
SBB mem8, imm8
80h
mm-011-xxx
vector
SBB mreg16/32, imm16/32
81h
11-011-xxx
vector
SBB mem16/32, imm16/32
81h
mm-011-xxx
vector
SBB mreg16/32, imm8 (signed ext.)
83h
11-011-xxx
vector
SBB mem16/32, imm8 (signed ext.)
83h
mm-011-xxx
vector
SCASB AL, mem8
AEh
vector
SCASW AX, mem16
AFh
vector
SCASD EAX, mem32
AFh
vector
SETO mreg8
0Fh
90h
11-xxx-xxx
vector
SETO mem8
0Fh
90h
mm-xxx-xxx
vector
SETNO mreg8
0Fh
91h
11-xxx-xxx
vector
SETNO mem8
0Fh
91h
mm-xxx-xxx
vector
SETB/SETNAE mreg8
0Fh
92h
11-xxx-xxx
vector
SETB/SETNAE mem8
0Fh
92h
mm-xxx-xxx
vector
SETNB/SETAE mreg8
0Fh
93h
11-xxx-xxx
vector
SETNB/SETAE mem8
0Fh
93h
mm-xxx-xxx
vector
SETZ/SETE mreg8
0Fh
94h
11-xxx-xxx
vector
SETZ/SETE mem8
0Fh
94h
mm-xxx-xxx
vector
SETNZ/SETNE mreg8
0Fh
95h
11-xxx-xxx
vector
SETNZ/SETNE mem8
0Fh
95h
mm-xxx-xxx
vector
SETBE/SETNA mreg8
0Fh
96h
11-xxx-xxx
vector
SETBE/SETNA mem8
0Fh
96h
mm-xxx-xxx
vector
SETNBE/SETA mreg8
0Fh
97h
11-xxx-xxx
vector
SETNBE/SETA mem8
0Fh
97h
mm-xxx-xxx
vector
SETS mreg8
0Fh
98h
11-xxx-xxx
vector
SETS mem8
0Fh
98h
mm-xxx-xxx
vector
SETNS mreg8
0Fh
99h
11-xxx-xxx
vector
SETNS mem8
0Fh
99h
mm-xxx-xxx
vector
SETP/SETPE mreg8
0Fh
9Ah
11-xxx-xxx
vector
Table 12. Integer Instructions (continued)
Instruction Mnemonic
First
Byte
Second
Byte
ModR/M
Byte
Decode
Type
RISC86
Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com