Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 7Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 8Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 9Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 10Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 11Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 12Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 13Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 14Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 332 page
background image
List of Figures
xi
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Figure 85.
Debug Registers DR5 and DR4....................................242
Figure 86.
Debug Registers DR3, DR2, DR1, and DR0................243
Figure 87.
Clock Control State Transitions...................................248
Figure 88.
Suggested Component Placement ...............................263
Figure 89.
CLK Waveform ..............................................................269
Figure 90.
Key to Timing Diagrams ...............................................281
Figure 91.
Output Valid Delay Timing ..........................................281
Figure 92.
Maximum Float Delay Timing .....................................282
Figure 93.
Input Setup and Hold Timing ......................................282
Figure 94.
Reset and Configuration Timing .................................283
Figure 95.
TCK Timing....................................................................284
Figure 96.
TRST# Timing................................................................284
Figure 97.
Test Signal Timing ........................................................284
Figure 98.
Thermal Model ..............................................................286
Figure 99.
Power Consumption v. Thermal Resistance ...............287
Figure 100. Processor Heat Dissipation Path .................................288
Figure 101. Measuring Case Temperature......................................289
Figure 102. Heatsink A (15 mm height) ..........................................290
Figure 103. Heatsink B (20 mm height)...........................................290
Figure 104. Heatsink C (30 mm height) ..........................................290
Figure 105. Measured Thermal Resistance v. Airflow
(Socketed 321-Pin CPGA Package) .............................291
Figure 106. Measured Maximum Ambient Temperature
(Socketed 321-Pin CPGA Package) .............................292
Figure 107. Measured Thermal Resistance v. Airflow
(Soldered 321-Pin CPGA Package)..............................293
Figure 108. Measured Maximum Ambient Temperature
(Soldered, 321-Pin CPGA Package).............................294
Figure 109. Voltage Regulator Placement ......................................295
Figure 110. Airflow for a Heatsink with Fan ..................................296
Figure 111. Airflow Path in a Dual-Fan System .............................296
Figure 112. Airflow Path in an ATX Form-Factor System ............297
Figure 113. AMD-K6™-2E Processor Connection Diagram
(Top-Side View CPGA) .................................................299
Figure 114. AMD-K6™-2E Processor Connection Diagram
(Bottom-Side View CPGA)............................................300
Figure 115. 321-Pin Staggered CPGA Package Specification .......303



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com