Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 61 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 61 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 57Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 58Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 59Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 60Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 61Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 62Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 63Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 64Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 65Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 332 page
background image
Chapter 3
Software Environment
43
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Extended Feature
Enable Register
(EFER)
The extended feature enable register (EFER) contains the
contro l bits that enab le the ex tended features of th e
AMD-K6-2E processor. Figure 34 shows the format of the EFER
register, and Table 6 defines the function of each bit in the
EFER register.
Figure 34. Extended Feature Enable Register (EFER)
For more information about the EWBEC bits, see “EWBE#
Control” on page 205.
Table 6. Extended Feature Enable Register (EFER)Definition
Bit
Description
R/W Function
63–4
Reserved
R
Writing a 1 to any reserved bit causes a general protection fault to occur. All
reserved bits are always read as 0.
3-2
EWBE# Control
(EWBEC)
R/W
This 2-bit field controls the behavior of the processor with respect to the ordering of
write cycles and the EWBE# signal. EFER[3] and EFER[2] are Global EWBE# Disable
(GEWBED) and Speculative EWBE# Disable (SEWBED), respectively.
1
Data Prefetch Enable
(DPE)
R/W
DPE must be set to 1 to enable data prefetching (this is the default setting following
reset). If enabled, cache misses initiated by a memory read within a 32-byte cache
line are conditionally followed by cache-line fetches of the other line in the 64-byte
sector.
0
System Call Extension
(SCE)
R/W
SCE must be set to 1 to enable the usage of the SYSCALL and SYSRET instructions.
10
63
S
C
E
2
3
4
D
P
E
EWBEC
Symbol
Description
Bit
EWBEC
EWBE# Control
3-2
DPE
Data Prefetch Enable
1
SCE
System Call Extension
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com