Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 80 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 80 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 76Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 77Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 78Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 79Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 80Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 81Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 82Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 83Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 84Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 332 page
background image
62
Software Environment
Chapter 3
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
IMUL AX, AL, mem8
F6h
mm-101-xxx
vector
IMUL EDX:EAX, EAX, mreg16/32
F7h
11-101-xxx
vector
IMUL EDX:EAX, EAX, mem16/32
F7h
mm-101-xxx
vector
IMUL reg16/32, mreg16/32
0Fh
AFh
11-xxx-xxx
vector
IMUL reg16/32, mem16/32
0Fh
AFh
mm-xxx-xxx
vector
IN AL, imm8
E4h
vector
IN AX, imm8
E5h
vector
IN EAX, imm8
E5h
vector
IN AL, DX
ECh
vector
IN AX, DX
EDh
vector
IN EAX, DX
EDh
vector
INC EAX
40h
short
alu
INC ECX
41h
short
alu
INC EDX
42h
short
alu
INC EBX
43h
short
alu
INC ESP
44h
short
alu
INC EBP
45h
short
alu
INC ESI
46h
short
alu
INC EDI
47h
short
alu
INC mreg8
FEh
11-000-xxx
vector
INC mem8
FEh
mm-000-xxx
long
load, alux, store
INC mreg16/32
FFh
11-000-xxx
vector
INC mem16/32
FFh
mm-000-xxx
long
load, alu, store
INVD
0Fh
08h
vector
INVLPG
0Fh
01h
mm-111-xxx
vector
JO short disp8
70h
short
branch
JB/JNAE short disp8
71h
short
branch
JNO short disp8
71h
short
branch
JNB/JAE short disp8
73h
short
branch
JZ/JE short disp8
74h
short
branch
JNZ/JNE short disp8
75h
short
branch
JBE/JNA short disp8
76h
short
branch
JNBE/JA short disp8
77h
short
branch
JS short disp8
78h
short
branch
JNS short disp8
79h
short
branch
Table 12. Integer Instructions (continued)
Instruction Mnemonic
First
Byte
Second
Byte
ModR/M
Byte
Decode
Type
RISC86
Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com