Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 97 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 97 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 93Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 94Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 95Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 96Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 97Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 98Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 99Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 100Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 101Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 332 page
background image
Chapter 3
Software Environment
79
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
PADDD mmreg1, mmreg2
0Fh
FEh
11-xxx-xxx
short
meu
PADDD mmreg, mem64
0Fh
FEh
mm-xxx-xxx
short
mload, meu
PADDSB mmreg1, mmreg2
0Fh
ECh
11-xxx-xxx
short
meu
PADDSB mmreg, mem64
0Fh
ECh
mm-xxx-xxx
short
mload, meu
PADDSW mmreg1, mmreg2
0Fh
EDh
11-xxx-xxx
short
meu
PADDSW mmreg, mem64
0Fh
EDh
mm-xxx-xxx
short
mload, meu
PADDUSB mmreg1, mmreg2
0Fh
DCh
11-xxx-xxx
short
meu
PADDUSB mmreg, mem64
0Fh
DCh
mm-xxx-xxx
short
mload, meu
PADDUSW mmreg1, mmreg2
0Fh
DDh
11-xxx-xxx
short
meu
PADDUSW mmreg, mem64
0Fh
DDh
mm-xxx-xxx
short
mload, meu
PADDW mmreg1, mmreg2
0Fh
FDh
11-xxx-xxx
short
meu
PADDW mmreg, mem64
0Fh
FDh
mm-xxx-xxx
short
mload, meu
PAND mmreg1, mmreg2
0Fh
DBh
11-xxx-xxx
short
meu
PAND mmreg, mem64
0Fh
DBh
mm-xxx-xxx
short
mload, meu
PANDN mmreg1, mmreg2
0Fh
DFh
11-xxx-xxx
short
meu
PANDN mmreg, mem64
0Fh
DFh
mm-xxx-xxx
short
mload, meu
PCMPEQB mmreg1, mmreg2
0Fh
74h
11-xxx-xxx
short
meu
PCMPEQB mmreg, mem64
0Fh
74h
mm-xxx-xxx
short
mload, meu
PCMPEQD mmreg1, mmreg2
0Fh
76h
11-xxx-xxx
short
meu
PCMPEQD mmreg, mem64
0Fh
76h
mm-xxx-xxx
short
mload, meu
PCMPEQW mmreg1, mmreg2
0Fh
75h
11-xxx-xxx
short
meu
PCMPEQW mmreg, mem64
0Fh
75h
mm-xxx-xxx
short
mload, meu
PCMPGTB mmreg1, mmreg2
0Fh
64h
11-xxx-xxx
short
meu
PCMPGTB mmreg, mem64
0Fh
64h
mm-xxx-xxx
short
mload, meu
PCMPGTD mmreg1, mmreg2
0Fh
66h
11-xxx-xxx
short
meu
PCMPGTD mmreg, mem64
0Fh
66h
mm-xxx-xxx
short
mload, meu
PCMPGTW mmreg1, mmreg2
0Fh
65h
11-xxx-xxx
short
meu
PCMPGTW mmreg, mem64
0Fh
65h
mm-xxx-xxx
short
mload, meu
PMADDWD mmreg1, mmreg2
0Fh
F5h
11-xxx-xxx
short
meu
PMADDWD mmreg, mem64
0Fh
F5h
mm-xxx-xxx
short
mload, meu
PMULHW mmreg1, mmreg2
0Fh
E5h
11-xxx-xxx
short
meu
PMULHW mmreg, mem64
0Fh
E5h
mm-xxx-xxx
short
mload, meu
PMULLW mmreg1, mmreg2
0Fh
D5h
11-xxx-xxx
short
meu
PMULLW mmreg, mem64
0Fh
D5h
mm-xxx-xxx
short
mload, meu
POR mmreg1, mmreg2
0Fh
EBh
11-xxx-xxx
short
meu
Table 14. MMX™ Instructions (continued)
Instruction Mnemonic
Prefix
Byte(s)
First
Byte
ModR/M
Byte
Decode
Type
RISC86
Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com