Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 62 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 62 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 58Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 59Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 60Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 61Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 62Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 63Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 64Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 65Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 66Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 332 page
background image
44
Software Environment
Chapter 3
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
SYSCALL/SYSRET
Target Address
Register (STAR)
The SYSCALL/SYSRET target address register (STAR)
contains the target EIP a ddre ss used by the SYSCALL
instruction and the 16-bit code and stack segment selector
bases used by the SYSCALL and SYSRET instructions. Figure
35 shows the format of the STAR register, and Table 7 defines
the function of each bit of the STAR register. For more
information, see the SYSCALL and SYSRET Instruction
Specification Application Note, order #21086.
Figure 35. SYSCALL/SYSRET Target Address Register (STAR)
Write Handling
Control Register
(WHCR)
The write handling control register (WHCR) is an MSR that
contains two fields—the write allocate enable limit (WAELIM)
field, and the write allocate enable 15-to-16-Mbyte (WAE15M)
bit. Figure 36 shows the format of the WHCR register. See
“Write Allocate” on page 192 for more information.
Figure 36. Write Handling Control Register (WHCR)
31
0
63
Target EIP Address
32
47
48
SYSCALL CS Selector and SS
Selector Base
SYSRET CS Selector and SS
Selector Base
Table 7. SYSCALL/SYSRET Target Address Register (STAR) Definition
Bit
Description
R/W
63–48
SYSRET CS and SS Selector Base
R/W
47–32
SYSCALL CS and SS Selector Base
R/W
31–0
Target EIP Address
R/W
15
22
0
63
WAELIM
16
Note: Hardware RESET initializes this MSR to all zeros.
W
A
E
1
5
M
Symbol
Description
Bits
WAELIM
Write Allocate Enable Limit
31-22
WAE15M
Write Allocate Enable 15-to-16-Mbyte 16
17
21
31
32
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com