Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 19Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 20Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 21Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 22Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 23Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 24Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 25Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 26Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 332 page
background image
Chapter 1
AMD-K6™-2E Processor
5
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Super7™ Platform Enhancements
s
100-MHz processor bus —The AMD-K6-2E processor supports a 100-MHz, 800
Mbyte/second frontside bus to provide a high-speed interface to Super7
platform-based chipsets. The 100-MHz interface to the frontside Level 2 (L2)
cache and main system memory speeds up access to the frontside cache and main
memory by 50 percent over the 66-MHz Socket 7 interface, resulting in a
significant increase of 10% in overall system performance.
s
Accelerated graphics port support —AGP improves the performance of video
graphics systems that have small amounts of video memory on the graphics card.
The industry-standard AGP specification enables a 133-MHz graphics interface
and will scale to even higher levels of performance.
s
Support for backside L2 and frontside L3 cache—The Super7 platform has the
‘headroom’ to support higher-performance AMD-K6 processors with clock speeds
scaling to 500 MHz and beyond. The Super7 platform also supports the
AMD-K6-III processor, which features a full-speed, internal backside 256-Kbyte L2
cache designed to deliver new levels of system performance to desktop and
notebook PC systems. The AMD-K6-III processor also supports an optional
100-MHz frontside L3 cache for even higher-performance system configurations.
Super7™ Platform Advantages
The Super7 platform has the following advantages:
s
Delivers performance and features competitive with alternate platforms at the
same clock speed, and at a significantly lower cost
s
Takes advantage of existing system designs for superior value
s
Enables OEMs and resellers to take advantage of mature, high-volume
infrastructure supported by multiple BIOS, chipset, graphics, and motherboard
suppliers
s
Reduces inventory and design costs with one motherboard for a wide range of
products
s
Builds on a huge installed base of more than 100 million motherboards
s
Provides an easy upgrade path for future embedded applications, as well as a
bridge to legacy applications
By taking advantage of the low-cost, mature Socket 7 infrastructure, the Super7
platform will continue to provide superior value and leading-edge performance for
embedded systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com