Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 99 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 99 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 95Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 96Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 97Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 98Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 99Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 100Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 101Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 102Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 103Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 332 page
background image
Chapter 3
Software Environment
81
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
PSUBUSW mmreg1, mmreg2
0Fh
D9h
11-xxx-xxx
short
meu
PSUBUSW mmreg, mem64
0Fh
D9h
mm-xxx-xxx
short
mload, meu
PSUBW mmreg1, mmreg2
0Fh
F9h
11-xxx-xxx
short
meu
PSUBW mmreg, mem64
0Fh
F9h
mm-xxx-xxx
short
mload, meu
PUNPCKHBW mmreg1, mmreg2
0Fh
68h
11-xxx-xxx
short
meu
PUNPCKHBW mmreg, mem64
0Fh
68h
mm-xxx-xxx
short
mload, meu
PUNPCKHDQ mmreg1, mmreg2
0Fh
6Ah
11-xxx-xxx
short
meu
PUNPCKHDQ mmreg, mem64
0Fh
6Ah
mm-xxx-xxx
short
mload, meu
PUNPCKHWD mmreg1, mmreg2
0Fh
69h
11-xxx-xxx
short
meu
PUNPCKHWD mmreg, mem64
0Fh
69h
mm-xxx-xxx
short
mload, meu
PUNPCKLBW mmreg1, mmreg2
0Fh
60h
11-xxx-xxx
short
meu
PUNPCKLBW mmreg, mem64
0Fh
60h
mm-xxx-xxx
short
mload, meu
PUNPCKLDQ mmreg1, mmreg2
0Fh
62h
11-xxx-xxx
short
meu
PUNPCKLDQ mmreg, mem64
0Fh
62h
mm-xxx-xxx
short
mload, meu
PUNPCKLWD mmreg1, mmreg2
0Fh
61h
11-xxx-xxx
short
meu
PUNPCKLWD mmreg, mem64
0Fh
61h
mm-xxx-xxx
short
mload, meu
PXOR mmreg1, mmreg2
0Fh
EFh
11-xxx-xxx
short
meu
PXOR mmreg, mem64
0Fh
EFh
mm-xxx-xxx
short
mload, meu
Notes:
1. Bits 2, 1, and 0 of the modR/M byte select the integer register.
Table 15. 3DNow!™ Instructions
Instruction Mnemonic
Prefix
Byte(s)
Opcode
Byte
ModR/M
Byte
Decode
Type
RISC86
Operations
FEMMS
0Fh
0Eh
vector
PAVGUSB mmreg1, mmreg2
0Fh, 0Fh
BFh
11-xxx-xxx
short
meu
PAVGUSB mmreg, mem64
0Fh, 0Fh
BFh
mm-xxx-xxx
short
mload, meu
PF2ID mmreg1, mmreg2
0Fh, 0Fh
1Dh
11-xxx-xxx
short
meu
PF2ID mmreg, mem64
0Fh, 0Fh
1Dh
mm-xxx-xxx
short
mload, meu
PFACC mmreg1, mmreg2
0Fh, 0Fh
AEh
11-xxx-xxx
short
meu
PFACC mmreg, mem64
0Fh, 0Fh
AEh
mm-xxx-xxx
short
mload, meu
PFADD mmreg1, mmreg2
0Fh, 0Fh
9Eh
11-xxx-xxx
short
meu
PFADD mmreg, mem64
0Fh, 0Fh
9Eh
mm-xxx-xxx
short
mload, meu
PFCMPEQ mmreg1, mmreg2
0Fh, 0Fh
B0h
11-xxx-xxx
short
meu
PFCMPEQ mmreg, mem64
0Fh, 0Fh
B0h
mm-xxx-xxx
short
mload, meu
Table 14. MMX™ Instructions (continued)
Instruction Mnemonic
Prefix
Byte(s)
First
Byte
ModR/M
Byte
Decode
Type
RISC86
Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com