Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 101 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 101 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 97Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 98Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 99Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 100Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 101Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 102Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 103Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 104Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 105Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 332 page
background image
Chapter 4
Logic Symbol Diagram
83
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
4
Logic Symbol Diagram
A20M#
A[31:3]
AP
ADS#
ADSC#
APCHK#
BE[7:0]#
AHOLD
BOFF#
BREQ
HLDA
HOLD
D/C#
EWBE#
LOCK#
M/IO#
NA#
SCYC
W/R#
CACHE#
KEN#
PCD
PWT
WB/WT#
Clock
Bus
Arbitration
CLK
BF[2:0]
TCK
TDI
TDO
TMS TRST#
BRDY#
BRDYC#
D[63:0]
DP[7:0]
PCHK#
EADS#
HIT#
HITM#
INV
FERR#
IGNNE#
FLUSH#
INIT
INTR
NMI
RESET
SMI#
SMIACT#
STPCLK#
JTAG Test
Data
and
Data
Parity
Inquire
Cycles
Floating-Point
Error Handling
External
Interrupts,
SMM, Reset and
Initialization
Address
and
Address
Parity
Cycle
Definition
and
Control
Cache
Control
AMD-K6™-2E
Processor
Voltage Detection
VCC2DET VCC2H/L#
Notes:
The signals are grouped by function. The arrows show the direction of the signal, either into or out of the processor. Signals with double-
headed arrows are bidirectional. Signals with pound signs (#) are active Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com