Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 76 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 76 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 72Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 73Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 74Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 75Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 76Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 77Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 78Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 79Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 80Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 332 page
background image
58
Software Environment
Chapter 3
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
ADC reg16/32, mreg16/32
13h
11-xxx-xxx
vector
ADC reg16/32, mem16/32
13h
mm-xxx-xxx
vector
ADC AL, imm8
14h
vector
ADC EAX, imm16/32
15h
vector
ADC mreg8, imm8
80h
11-010-xxx
vector
ADC mem8, imm8
80h
mm-010-xxx
vector
ADC mreg16/32, imm16/32
81h
11-010-xxx
vector
ADC mem16/32, imm16/32
81h
mm-010-xxx
vector
ADC mreg16/32, imm8 (signed ext.)
83h
11-010-xxx
vector
ADC mem16/32, imm8 (signed ext.)
83h
mm-010-xxx
vector
ADD mreg8, reg8
00h
11-xxx-xxx
short
alux
ADD mem8, reg8
00h
mm-xxx-xxx
long
load, alux, store
ADD mreg16/32, reg16/32
01h
11-xxx-xxx
short
alu
ADD mem16/32, reg16/32
01h
mm-xxx-xxx
long
load, alu, store
ADD reg8, mreg8
02h
11-xxx-xxx
short
alux
ADD reg8, mem8
02h
mm-xxx-xxx
short
load, alux
ADD reg16/32, mreg16/32
03h
11-xxx-xxx
short
alu
ADD reg16/32, mem16/32
03h
mm-xxx-xxx
short
load, alu
ADD AL, imm8
04h
short
alux
ADD EAX, imm16/32
05h
short
alu
ADD mreg8, imm8
80h
11-000-xxx
short
alux
ADD mem8, imm8
80h
mm-000-xxx
long
load, alux, store
ADD mreg16/32, imm16/32
81h
11-000-xxx
short
alu
ADD mem16/32, imm16/32
81h
mm-000-xxx
long
load, alu, store
ADD mreg16/32, imm8 (signed ext.)
83h
11-000-xxx
short
alux
ADD mem16/32, imm8 (signed ext.)
83h
mm-000-xxx
long
load, alux, store
AND mreg8, reg8
20h
11-xxx-xxx
short
alux
AND mem8, reg8
20h
mm-xxx-xxx
long
load, alux, store
AND mreg16/32, reg16/32
21h
11-xxx-xxx
short
alu
AND mem16/32, reg16/32
21h
mm-xxx-xxx
long
load, alu, store
AND reg8, mreg8
22h
11-xxx-xxx
short
alux
AND reg8, mem8
22h
mm-xxx-xxx
short
load, alux
AND reg16/32, mreg16/32
23h
11-xxx-xxx
short
alu
AND reg16/32, mem16/32
23h
mm-xxx-xxx
short
load, alu
AND AL, imm8
24h
short
alux
Table 12. Integer Instructions (continued)
Instruction Mnemonic
First
Byte
Second
Byte
ModR/M
Byte
Decode
Type
RISC86
Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com