Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP5685XUM Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # DSP5685XUM
Description  16-bit Digital Signal Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP5685XUM Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  DSP5685XUM Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
56858 Technical Data, Rev. 6
Freescale Semiconductor
3
56858 Block Diagram
JTAG/
Enhanced
OnCE
Program Controller
and
Hardware Looping Unit
Data ALU
16 x 16 + 36
→ 36-Bit MAC
Three 16-bit Input Registers
Four 36-bit Accumulators
Address
Generation Unit
Bit
Manipulation
Unit
16-Bit
56800E Core
XTAL
EXTAL
Interrupt
Controller
Quad
Timer
or
GPIOG
4
CLKO
External Address
Bus Switch
External Bus
Interface Unit
4
RESET
IRQA
IRQB
VDD VSSIO
VDDA VSSA
External Data
Bus Switch
Bus Control
WR Enable
RD Enable
CS0-CS3[3:0] or
A0-20 [20:0]
MODE A-C or
D0-D15 [15:0]
6
Program Memory
40,960 x 16 SRAM
Boot ROM
1024 x 16 ROM
Data Memory
24,576 x 16 SRAM
PDB
PDB
XAB1
XAB2
XDB2
CDBR
SPI
or
GPIOF
2 SCI
or
GPIOE
IPBus Bridge (IPBB)
3
GPIOH0-H2
8
14
VDDIO
12
Decoding
Peripherals
4
System Bus
Control
Memory
PAB
PAB
CDBW
CDBR
CDBW
VSS
8
GPIOA0-A3
6
ESSI0
or
GPIOC
6
ESSI1
or
GPIOD
Host
Interface
or
GPIOB
16
RSTO
DMA
6 channel
POR
Integration
Module
System
COP/
Watch-
dog
Time
of
Day
Clock
Generator
OSC PLL
2
IPBus CLK
COP/TOD CLK
DSP56858 General Description
• 120 MIPS at 120MHz
• 40K x 16-bit Program SRAM
• 24K x 16-bit Data SRAM
• 1K x 16-bit Boot ROM
• Access up to 2M words of program memory or 8M data
memory
• Chip Select Logic for glue-less interface to ROM and
SRAM
• Six (6) independent channels of DMA
• Two (2) Enhanced Synchronous Serial Interfaces
(ESSI)
• Two (2) Serial Communication Interfaces (SCI)
• Serial Port Interface (SPI)
• 8-bit Parallel Host Interface
• General Purpose 16-bit Quad Timer
• JTAG/Enhanced On-Chip Emulation (OnCE™) for
unobtrusive, real-time debugging
• Computer Operating Properly (COP)/Watchdog Timer
• Time-of -Day (TOD)
• 144 LQFP and 144 MAPBGA packages
•Up to 47 GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com