Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP5685XUM Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # DSP5685XUM
Description  16-bit Digital Signal Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP5685XUM Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button DSP5685XUM Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
56858 Technical Data, Rev. 6
30
Freescale Semiconductor
Figure 4-9 External Clock Timing
4.6 External Memory Interface Timing
The External Memory Interface is designed to access static memory and peripheral devices. Figure 4-10 shows
sample timing and parameters that are detailed in Table 4-7.
The timing of each parameter consists of both a fixed delay portion and a clock related portion; as well as user
controlled wait states. The equation:
t = D + P * (M + W)
should be used to determine the actual time of each parameter. The terms in the above equation are defined as:
t
parameter delay time
D fixed portion of the delay, due to on-chip path delays.
P the period of the system clock, which determines the execution rate of the part (i.e. when the device is
operating at 120 MHz, P = 8.33 ns).
Table 4-6 PLL Timing
Operating Conditions: VSS = VSSIO = VSSA = 0 V, VDD = 1.62-1.98V, VDDIO = VDDA = 3.0–3.6V, TA = –40° to +120°C, CL ≤ 50pF, fop = 120MHz
Characteristic
Symbol
Min
Typ
Max
Unit
External reference crystal frequency for the PLL1
1. An externally supplied reference clock should be as free as possible from any phase jitter for the PLL to work correctly.
The PLL is optimized for 4MHz input crystal.
fosc
24
4
MHz
PLL output frequency
fclk
40
—
240
MHz
PLL stabilization time 2
2. This is the minimum time required after the PLL setup is changed to ensure reliable operation.
tplls
—1
10
ms
External
Clock
VIH
VIL
Note: The midpoint is VIL + (VIH – VIL)/2.
90%
50%
10%
90%
50%
10% t
PW
tPW
tfall
trise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com