Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP5685XUM Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # DSP5685XUM
Description  16-bit Digital Signal Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP5685XUM Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button DSP5685XUM Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 59Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 60Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 61Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 62Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 63Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 64Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 60 / 64 page
background image
56858 Technical Data, Rev. 6
60
Freescale Semiconductor
Part 6 Design Considerations
6.1 Thermal Design Considerations
An estimation of the chip junction temperature, TJ, in °C can be obtained from the equation:
Equation 1: TJ = TA + (PD x RθJA)
Where:
TA = ambient temperature °C
RθJA = package junction-to-ambient thermal resistance °C/W
PD = power dissipation in package
Historically, thermal resistance has been expressed as the sum of a junction-to-case thermal resistance and
a case-to-ambient thermal resistance:
Equation 2: RθJA = RθJC + RθCA
Where:
RθJA = package junction-to-ambient thermal resistance °C/W
RθJC = package junction-to-case thermal resistance °C/W
RθCA = package case-to-ambient thermal resistance °C/W
RθJC is device-related and cannot be influenced by the user. The user controls the thermal environment to
change the case-to-ambient thermal resistance, RθCA. For example, the user can change the air flow around
the device, add a heat sink, change the mounting arrangement on the Printed Circuit Board (PCB), or
otherwise change the thermal dissipation capability of the area surrounding the device on the PCB. This
model is most useful for ceramic packages with heat sinks; some 90% of the heat flow is dissipated through
the case to the heat sink and out to the ambient environment. For ceramic packages, in situations where
the heat flow is split between a path to the case and an alternate path through the PCB, analysis of the
device thermal performance may need the additional modeling capability of a system level thermal
simulation tool.
The thermal performance of plastic packages is more dependent on the temperature of the PCB to which
the package is mounted. Again, if the estimations obtained from RθJA do not satisfactorily answer whether
the thermal performance is adequate, a system level model may be appropriate.
A complicating factor is the existence of three common definitions for determining the junction-to-case
thermal resistance in plastic packages:
•
Measure the thermal resistance from the junction to the outside surface of the package (case) closest to the
chip mounting area when that surface has a proper heat sink. This is done to minimize temperature variation
across the surface.
•
Measure the thermal resistance from the junction to where the leads are attached to the case. This definition
is approximately equal to a junction to board thermal resistance.
•
Use the value obtained by the equation (TJ – TT)/PD where TT is the temperature of the package case
determined by a thermocouple.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com