Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP5685XUM Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # DSP5685XUM
Description  16-bit Digital Signal Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP5685XUM Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button DSP5685XUM Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP5685XUM Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
56858 Technical Data, Rev. 6
8
Freescale Semiconductor
Figure 2-1 56858 Signals Identified by Functional Group2
1. Specifically for PLL, OSC, and POR.
2. Alternate pin functions are shown in parentheses. Pin direction/type is represented as the preferred functionality. GPIO may provide
bidirectional use of any pin.
56858
Logic
Power
I/O
Power
SCI 0
JTAG /
Enhanced
OnCE
Timer
Module
ESSI 0
SPI
Chip
Select
Address
Bus
Analog
Power1
PLL /
Clock
Host
Interface
SCI 2
ESSI 1
Interrupt /
Program
Control
VDD
VSS
VDDIO
VSSIO
VDDA
VSSA
A0 - A20
RD
D0 - D15
WR
CS0 - CS3 (GPIOA0 - A3)
HD0 - HD7 (GPIOB0 - B7)
HA0 - HA2 (GPIOB8 - B10)
HRWB (HRD) (GPIOB11)
HDS (HWR) (GPIOB12)
HCS (GPIOB13)
HREQ (HTRQ) (GPIOB14)
HACK (HRRQ) (GPIOB15)
TIO0 - TIO3 (GPIOG0 - G3)
IRQA
IRQB
MODA, MODB, MODC
(GPIOH0 - H2)
RESET
RSTO
RXDO (GPIOE0)
TXDO (GPIOE1)
RXD1 (GPIOE2)
TXD1 (GPIOE3)
STD0 (GPIOC0)
SRD0 (GPIOC1)
SCK0 (GPIOC2)
SC00 (GPIOC3)
SC01 (GPIOC4)
SC02 (GPIOC5)
MISO (GPIOF0)
MOSI (GPIOF1)
SCK (GPIOF2)
SS (GPIOF3)
STD1 (GPIOD0)
SRD1 (GPIOD1)
SCK1 (GPIOD2)
SC10 (GPIOD3)
SC11 (GPIOD4)
SC12 (GPIOD5)
EXTAL
CLKO
TCK
TDI
TDO
TMS
TRST
DE
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
3
1
1
4
1
1
1
1
1
3
8
4
1
1
16
21
2
1
14
12
8
8
XTAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com