Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0002 Datasheet(PDF) 19 Page - Texas Instruments

Part # LSF0002
Description  LSF0002 Ultra-Small Auto-Bidirectional Translator for Open Drain or Push Pull Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0002 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LSF0002 Datasheet HTML 14Page - Texas Instruments LSF0002 Datasheet HTML 15Page - Texas Instruments LSF0002 Datasheet HTML 16Page - Texas Instruments LSF0002 Datasheet HTML 17Page - Texas Instruments LSF0002 Datasheet HTML 18Page - Texas Instruments LSF0002 Datasheet HTML 19Page - Texas Instruments LSF0002 Datasheet HTML 20Page - Texas Instruments LSF0002 Datasheet HTML 21Page - Texas Instruments LSF0002 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
www.ti.com
PACKAGE OUTLINE
C
4X
0.25
0.17
4X
0.30
0.22
0.40 MAX
0.05
0.00
2X 0.6
0.25
TYP
+0.05
-0.03
0.4
B
1.05
0.95
A
0.85
0.75
(0.1) TYP
(0.1)
(0.08)
(0.027) TYP
X2SON - 0.4 mm max height
DTQ0006A
PLASTIC SMALL OUTLINE - NO LEAD
4224056/A 11/2017
PIN 1 INDEX AREA
SEATING PLANE
0.05 C
1
3
4
0.1
C A B
0.05
C
5
NOTE 5
(OPTIONAL)
PIN 1 ID
2
6
PKG
PKG
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pads must be soldered to the printed circuit board for optimal thermal and mechanical performance.
4. The size and shape of this feature may vary.
5. Features may not exist. Recommend use of pin 1 marking on top of package for orientation purposes.
SCALE 12.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com