Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0002 Datasheet(PDF) 13 Page - Texas Instruments

Part # LSF0002
Description  LSF0002 Ultra-Small Auto-Bidirectional Translator for Open Drain or Push Pull Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0002 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LSF0002 Datasheet HTML 9Page - Texas Instruments LSF0002 Datasheet HTML 10Page - Texas Instruments LSF0002 Datasheet HTML 11Page - Texas Instruments LSF0002 Datasheet HTML 12Page - Texas Instruments LSF0002 Datasheet HTML 13Page - Texas Instruments LSF0002 Datasheet HTML 14Page - Texas Instruments LSF0002 Datasheet HTML 15Page - Texas Instruments LSF0002 Datasheet HTML 16Page - Texas Instruments LSF0002 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
1.8 ± 10% V
B1
B2
A1
A2
GND
LSF0002
RA1 =
1k
RA2 =
1k
1.8V Device
1.2V Device
1.2 ± 10% V
VBIAS
0.1 F
RB1 =
1k
RB2 =
1k
6
5
2
1
3
4
VEXT,A
VEXT,B
Figure 8-4. 1.2V to 1.8V Level Translation with LSF0002
8.3 Power Supply Recommendations
There are no power sequence requirements for the LSF family. Table 8-4 provides recommended operating
voltages for all supply and input pins.
Table 8-4. Recommended Operating Voltages
PARAMETER
MIN
TYP
MAX
UNIT
VEXT,A (1)
reference voltage (A)
0.9
5.5
V
VEXT,B
reference voltage (B)
VEXT,A + 0.8
5.5
V
VBIAS
input voltage on EN pin
VEXT,A
VEXT,A + 0.8
V
VPU
pull-up supply voltage
0
VEXT,B
V
(1)
VEXT,A is required to be the lowest voltage level across all inputs and outputs.
8.4 Layout
8.4.1 Layout Guidelines
Because the LSF family is a switch-type level translator, the signal integrity is highly related with a pull-up
resistor and PCB capacitance condition. Therefore, do as follows:
• Short the signal trace as short as possible to reduce capacitance and minimize stub from the pull-up resistor.
• Place the LSF device as close to the high voltage side as possible.
• Select the appropriate pull-up resistor that applies to translation levels and the driving capability of the
transmitter.
www.ti.com
LSF0002
SDLS975 – APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LSF0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com